Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64GA110 Datasheet(PDF) 18 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 18 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 14Page - Microchip Technology 64GA110 Datasheet HTML 15Page - Microchip Technology 64GA110 Datasheet HTML 16Page - Microchip Technology 64GA110 Datasheet HTML 17Page - Microchip Technology 64GA110 Datasheet HTML 18Page - Microchip Technology 64GA110 Datasheet HTML 19Page - Microchip Technology 64GA110 Datasheet HTML 20Page - Microchip Technology 64GA110 Datasheet HTML 21Page - Microchip Technology 64GA110 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 18
 2010 Microchip Technology Inc.
CTED1
28
34
42
I
ANA
CTMU External Edge Input 1.
CTED2
27
33
41
I
ANA
CTMU External Edge Input 2.
CTPLS
29
35
43
O
—
CTMU Pulse Output.
CVREF
23
29
34
O
—
Comparator Voltage Reference Output.
ENVREG
57
71
86
I
ST
Voltage Regulator Enable.
INT0
35
45
55
I
ST
External Interrupt Input.
MCLR
79
13
I
ST
Master Clear (device Reset) Input. This line is brought low
to cause a Reset.
OSCI
39
49
63
I
ANA
Main Oscillator Input Connection.
OSCO
40
50
64
O
ANA
Main Oscillator Output Connection.
PGEC1
15
19
24
I/O
ST
In-Circuit Debugger/Emulator/ICSP™ Programming Clock.
PGED1
16
20
25
I/O
ST
In-Circuit Debugger/Emulator/ICSP Programming Data.
PGEC2
17
21
26
I/O
ST
In-Circuit Debugger/Emulator/ICSP Programming Clock.
PGED2
18
22
27
I/O
ST
In-Circuit Debugger/Emulator/ICSP Programming Data.
PGEC3
11
15
20
I/O
ST
In-Circuit Debugger/Emulator/ICSP Programming Clock.
PGED3
12
16
21
I/O
ST
In-Circuit Debugger/Emulator/ICSP Programming Data.
PMA0
30
36
44
I/O
ST
Parallel Master Port Address Bit 0 Input (Buffered Slave
modes) and Output (Master modes).
PMA1
29
35
43
I/O
ST
Parallel Master Port Address Bit 1 Input (Buffered Slave
modes) and Output (Master modes).
PMA2
8
10
14
O
—
Parallel Master Port Address (Demultiplexed Master
modes).
PMA3
6
8
12
O
—
PMA4
5
7
11
O
—
PMA5
4
6
10
O
—
PMA6
16
24
29
O
—
PMA7
22
23
28
O
—
PMA8
32
40
50
O
—
PMA9
31
39
49
O
—
PMA10
28
34
42
O
—
PMA11
27
33
41
O
—
PMA12
24
30
35
O
—
PMA13
23
29
34
O
—
PMCS1
45
57
71
I/O
ST/TTL Parallel Master Port Chip Select 1 Strobe/Address Bit 15.
PMCS2
44
56
70
O
ST
Parallel Master Port Chip Select 2 Strobe/Address Bit 14.
PMBE
51
63
78
O
—
Parallel Master Port Byte Enable Strobe.
PMD0
60
76
93
I/O
ST/TTL Parallel Master Port Data (Demultiplexed Master mode) or
Address/Data (Multiplexed Master modes).
PMD1
61
77
94
I/O
ST/TTL
PMD2
62
78
98
I/O
ST/TTL
PMD3
63
79
99
I/O
ST/TTL
PMD4
64
80
100
I/O
ST/TTL
PMD5
113
I/O
ST/TTL
PMD6
224
I/O
ST/TTL
PMD7
335
I/O
ST/TTL
PMRD
53
67
82
O
—
Parallel Master Port Read Strobe.
PMWR
52
66
81
O
—
Parallel Master Port Write Strobe.
TABLE 1-4:
PIC24FJ256GA110 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
Pin Number
I/O
Input
Buffer
Description
64-Pin
TQFP, QFN
80-Pin
TQFP
100-Pin
TQFP
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com