Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS2012B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TDS2012B
Description  Digital Storage Oscilloscopes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TDS2012B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TDS2012B Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Digital Storage Oscilloscopes
TDS1000B Series • TDS2000B Series
Digital Storage Oscilloscopes • www.tektronix.com/tds2000b
2
Simple Documentation and Analysis
Easily capture, save and analyze meas-
urement results with OpenChoice® PC
Communications Software. Simply pull
screen images and waveform data into
the stand-alone desktop application or
directly into Microsoft Word and Excel.
To complement OpenChoice, National
Instruments SignalExpress Tektronix Edition
Software provides you with extended
capabilities, including advanced analysis,
remote oscilloscope control and live
waveform analysis. Alternatively, if you
prefer not to use the PC, you can simply
print your image directly to any PictBridge
compatible printer via the USB device port.
Performance You Can Count On
Depend on Tektronix to provide you with
performance you can count on. In addition
to industry leading service and support,
every TDS1000B and TDS2000B Series
oscilloscope comes backed with a
Lifetime Warranty*1 as standard.
*1 Limitations apply. For terms and conditions, visit
www.tektronix.com/lifetimewarranty
Quickly and easily capture waveforms.
Conveniently use your USB flash drive to
store screen shots and waveform data.
Easily capture, save and analyze measure-
ment results with OpenChoice® PC
Communications Software.
Characteristics
TDS1000B and TDS2000B Series Digital Storage Oscilloscopes
TDS1001B
TDS1002B
TDS1012B
TDS2002B TDS2004B
TDS2012B
TDS2014B
TDS2022B TDS2024B
Display (1/4
Mono
Mono
Mono
Color
Color
Color
Color
Color
Color
VGA LCD)
Bandwidth*2
40 MHz
60 MHz
100 MHz
60 MHz
60 MHz
100 MHz
100 MHz
200 MHz
200 MHz
Channels
2
2
2
2
4
2
4
2
4
External Trigger
Included on all models
Input
Sample Rate on
500 MS/s
1.0 GS/s
1.0 GS/s
1.0 GS/s
1.0 GS/s
1.0 GS/s
1.0 GS/s
2.0 GS/s
2.0 GS/s
each channel
Record Length
2.5 K points at all time-bases on all models
Vertical
8-Bits
Resolution
Vertical
2 mV to 5 V/div on all models with calibrated fine adjustment
Sensitivity
*2 Bandwidth is 20 MHz at 2 mV/div, all models.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com