Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS2012B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TDS2012B
Description  Digital Storage Oscilloscopes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TDS2012B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TDS2012B Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features & Benefits
40 MHz, 60 MHz, 100 MHz
and 200 MHz Bandwidths
Sample Rates up to 2 GS/s
Real Time
2 or 4 Channels
Color or Monochrome
LCD Display
Removable Data Storage
via Front Panel USB Port
Seamless PC Connectivity
via USB Device Port, with
OpenChoice® and NI
SignalExpress® PC Software
Advanced Triggers Including Pulse
Width Trigger and Line-selectable
Video Trigger
FFT Standard on All Models
11 Automatic Measurements
Multiple Language User Interface
and Context-sensitive Help
Direct Print to all PictBridge®
Compatible Printers via USB
Device Port
Lifetime Warranty*1
Applications
Design and Debug
Education and Training
Manufacturing Test and Quality
Control
Service and Repair
*1 Limitations apply. For terms and conditions, visit
www.tektronix.com/lifetimewarranty.
Digital Storage Oscilloscopes
TDS1000B Series • TDS2000B Series
TDS1000B and TDS2000B Series Oscilloscopes
Instantly Productive. Incredibly Easy.
The TDS1000B and TDS2000B Series
digital storage oscilloscopes deliver an
unbeatable combination of performance
and ease-of-use at a price you can afford.
Affordable Digital Precision
With up to 200 MHz bandwidth and
2 GS/s maximum sample rate, no other
color digital storage oscilloscope offers as
much bandwidth and sample rate for the
price. The TDS1000B and TDS2000B
Series oscilloscopes provide accurate
real-time acquisition up to their full band-
width, the same record length at all time
base settings, advanced triggers to isolate
signals of interest, and 11 standard auto-
matic measurements on all models. Their
Fast Fourier Transform (FFT) and wave-
form add, subtract, and multiply math
functions allow you to analyze, characterize
and troubleshoot circuits.
Quick and Easy Waveform Capture
The simple user interface with classic
analog-style controls makes these instru-
ments easy to use, reducing learning time
and increasing efficiency. Innovative features
such as the Autoset Menu, Probe Check
Wizard, Context-Sensitive Help Menu
and color LCD display (TDS2000B Series)
optimize instrument setup and operation.
Flexible Data Transfer
With USB host and device ports which
enable removable data storage, seamless
PC connectivity, and direct printing, no
other color or monochrome digital storage
oscilloscope offers as much flexibility
and ease of data transfer for the price.


Similar Part No. - TDS2012B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS2012 ETC-TDS2012 Datasheet
138Kb / 8P
Digital Storage Oscilloscopes
TDS2012C ETC2-TDS2012C Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2012C TEKTRONIX-TDS2012C Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
More results

Similar Description - TDS2012B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS1012 ETC-TDS1012 Datasheet
138Kb / 8P
Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
Digital Storage Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
TDS2000C ETC2-TDS2000C Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
Digital Storage Oscilloscopes
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
TPS2000B TEKTRONIX-TPS2000B Datasheet
815Kb / 14P
Digital Storage Oscilloscopes
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
Digital Storage and Mixed Signal Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com