Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

139CLL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 139CLL
Description  Aluminum Capacitors SMD (Chip) Long Life
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

139CLL Datasheet(HTML) 1 Page - Vishay Siliconix

  139CLL_13 Datasheet HTML 1Page - Vishay Siliconix 139CLL_13 Datasheet HTML 2Page - Vishay Siliconix 139CLL_13 Datasheet HTML 3Page - Vishay Siliconix 139CLL_13 Datasheet HTML 4Page - Vishay Siliconix 139CLL_13 Datasheet HTML 5Page - Vishay Siliconix 139CLL_13 Datasheet HTML 6Page - Vishay Siliconix 139CLL_13 Datasheet HTML 7Page - Vishay Siliconix 139CLL_13 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Not for New Design
139 CLL
www.vishay.com
Vishay BCcomponents
Revision: 11-Feb-13
1
Document Number: 28301
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
SMD (Chip) Long Life
Fig. 1
FEATURES
• Useful life: 2000 h at 105 °C
• Flexible terminals, reflow and wave solderable
• Compact, rectangular shape
• Charge and discharge proof, no peak current limitation
• Polarized aluminum electrolytic capacitors, non-solid
electrolyte, self healing
• Extended voltage and capacitance range
• SMD-version, fully moulded, insulated
• Supplied in blister tape on reel
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• SMD technology
• Industrial and professional applications
• Telecommunications, automotive, EDP general industrial
• Coupling, decoupling, smoothing, filtering, buffering,
timing
MARKING
• Rated capacitance (in μF)
• Rated voltage (in V)
• Date code in accordance with IEC 60062
• Name of manufacturer
• “-” sign indicating the cathode. The anode is identified by
bevelled edges
• Series number (139)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(L x W x H in mm)
14.3 x 6.2 x 6.9 and
14.3 x 7.6 x 8.2
Rated capacitance range, CR
1.0 μF to 220 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3V to 100V
Category temperature range
- 55 °C to + 105 °C
Endurance test at 105 °C
1000 h
Useful life at 105 °C
2000 h
Useful life at 40 °C;
1.3 x lR applied
200 000 h
Shelf life at 0 V, 105 °C
500 h
Resistance to soldering
heat test
Immersion in solder:
10 s at 260 °C or 40 s at 215 °C
Based on sectional
specification
IEC 60384-18/CECC 32300
Climatic category IEC 60068
55/105/56
085 CS
85 °C
139 CLL
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR
(μF)
UR (V)
6.3
10
16
25
40
50
63
100
1.0
-
-
-
---
-
14.3 x 6.2
x6.9
2.2
-
-
-
---
14.3 x
6.2 x 6.9
14.3 x
6.2 x 6.9
3.3
-
-
-
-
-
-
14.3 x 6.2 x 6.9
14.3 x
7.6 x 8.2
4.7
-
-
-
---
14.3 x
6.2 x 6.9
14.3 x
7.6 x 8.2
10
-
-
-
14.3 x
6.2 x 6.9
-
14.3 x
6.2 x 6.9
14.3 x
7.6 x 8.2
-
15
-
-
-
-
14.3 x
6.2 x 6.9
14.3 x
7.6 x 8.2
--
22
-
-
-
14.3 x
6.2 x 6.9
-
14.3 x
7.6 x 8.2
--
33
-
-
-
14.3 x
6.2 x 6.9
14.3 x
7.6 x 8.2
--
-


Similar Part No. - 139CLL_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life
29-Sep-16
More results

Similar Description - 139CLL_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
153CLV VISHAY-153CLV Datasheet
250Kb / 8P
Aluminum Capacitors SMD (Chip) Long Life Vertical
07-Nov-05
153CRV VISHAY-153CRV Datasheet
541Kb / 9P
Aluminum Capacitors SMD (Chip) Long Life Vertical
12-Dec-07
139CLL VISHAY-139CLL Datasheet
109Kb / 8P
Aluminum Capacitors SMD (Chip) Long Life
28-May-08
153CLV VISHAY-153CLV_08 Datasheet
112Kb / 8P
Aluminum Capacitors SMD (Chip) Long Life Vertical
16-May-08
153CRV VISHAY-153CRV_12 Datasheet
115Kb / 9P
Aluminum Capacitors SMD (Chip) Long Life Vertical
13-Mar-12
222215370109 VISHAY-222215370109 Datasheet
115Kb / 9P
Aluminum Capacitors SMD (Chip) Long Life Vertical
13-Mar-12
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life
29-Sep-16
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
20-Mar-17
139CLL VISHAY-139CLL_V01 Datasheet
122Kb / 8P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life
29-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com