Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

139CLL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 139CLL
Description  Aluminum Capacitors SMD (Chip) Long Life
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

139CLL Datasheet(HTML) 4 Page - Vishay Siliconix

  139CLL_13 Datasheet HTML 1Page - Vishay Siliconix 139CLL_13 Datasheet HTML 2Page - Vishay Siliconix 139CLL_13 Datasheet HTML 3Page - Vishay Siliconix 139CLL_13 Datasheet HTML 4Page - Vishay Siliconix 139CLL_13 Datasheet HTML 5Page - Vishay Siliconix 139CLL_13 Datasheet HTML 6Page - Vishay Siliconix 139CLL_13 Datasheet HTML 7Page - Vishay Siliconix 139CLL_13 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Not for New Design
139 CLL
www.vishay.com
Vishay BCcomponents
Revision: 11-Feb-13
4
Document Number: 28301
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 4 - Maximum temperature load during infrared
reflow soldering
Fig. 5 - Maximum temperature load during vapor
phase reflow soldering
Fig. 6 - Maximum temperature load during (double-) wave soldering
Note
• Unless otherwise specified, all electrical values in Table 4 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 139 series
100 μF/16 V; ± 20 %
Nominal case size: 14.3 mm x 7.6 mm x 8.2 mm;
taped on reel
Ordering code: MAL213965101E3
Former 12NC: 2222 139 65101
280
260
240
220
200
180
160
140
120
100
80
T
Pad
(°C)
f(s)
050
250
200
150
100
T
Pad
(°C)
f(s)
0
80
100
120
140
160
180
200
220
240
260
280
250
200
150
100
50
280
260
240
220
200
180
160
140
120
100
80
0
250
200
150
100
50
T
Pad
(°C)
f(s)
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 Hz,105 °C
IL5
Max. leakage current after 5 min at UR
tan
Max. dissipation factor at 100 Hz
Z
Max. impedance at 10 kHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com