Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERIES310 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # SERIES310
Description  Single row 2.54/5.08 mm, Straight solder tail, Mating pin 횠 0.47 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

SERIES310 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  SERIES310 Datasheet HTML 1Page - Precid-Dip Durtal SA SERIES310 Datasheet HTML 2Page - Precid-Dip Durtal SA SERIES310 Datasheet HTML 3Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PCB CONNECTORS
SERIES
310
310-PP-1NN-01-640101
Single row
2.54/5.08 mm, Straight solder tail, Mating pin Ø 0.47 mm
Socket connector strips, solder tail
TECHNICAL SPECS.:
Insulator
Black glass filled polyester PCT-GF30-FR
Flammability
UL 94V-O
Sleeve
CuZn36Pb3 (C36000)
Contact
Clip (4 finger): Beryllium copper (C17200)
Mating pin Ø
0.40 to 0.56mm
Insertion force
2 N typ.
Withdrawal force
1 N typ. (polished steel gauge Ø 0.43 mm)
Mechanical life
Min. 500 cycles
Rated current
3 A
Contact resistance
Max. 10 m
Dielectric strength
Min. 1000 V RMS
ORDERING INFORMATION:
PP Plating code
Sleeve
Clip
87
Tin
Gold flash
83
Tin
Gold 0.75 µm
NN number of poles. Replace NN with the requested number of poles, e.g. 310-83-1NN-41-001101 for a single row
version with 8 pins becomes 310-83-108-41-001101
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Similar Part No. - SERIES310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SERIES300 VISHAY-SERIES300 Datasheet
145Kb / 4P
Printed Circuit Dip Solder Connector
19-Apr-2022
More results

Similar Description - SERIES310

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
410-91-216-41-001 PREDIP-410-91-216-41-001 Datasheet
55Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
411-91-216-41-001 PREDIP-411-91-216-41-001 Datasheet
32Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
451-10-216-00-001 PREDIP-451-10-216-00-001 Datasheet
59Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
499-93-216-10-009 PREDIP-499-93-216-10-009 Datasheet
39Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-10-001 PREDIP-802-10-016-10-001 Datasheet
45Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-20-001 PREDIP-802-10-016-20-001 Datasheet
45Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
892-39-024-10-802 PREDIP-892-39-024-10-802 Datasheet
57Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
892-39-024-20-902 PREDIP-892-39-024-20-902 Datasheet
40Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
SERIES811 PREDIP-SERIES811 Datasheet
19Kb / 2P
Single Row 2.54 mm, Straight solder tail
logo
3M Electronics
961102-5604-AR 3M-961102-5604-AR Datasheet
852Kb / 3P
3M Pin Strip Header 2.54 mm and 2.54 mm x 2.54 mm, Right Angle, Solder Tail
26-Nov-2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com