Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EKB
Description  Aluminum Capacitors Radial Style
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKB Datasheet(HTML) 2 Page - Vishay Siliconix

  EKB Datasheet HTML 1Page - Vishay Siliconix EKB Datasheet HTML 2Page - Vishay Siliconix EKB Datasheet HTML 3Page - Vishay Siliconix EKB Datasheet HTML 4Page - Vishay Siliconix EKB Datasheet HTML 5Page - Vishay Siliconix EKB Datasheet HTML 6Page - Vishay Siliconix EKB Datasheet HTML 7Page - Vishay Siliconix EKB Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EKB
www.vishay.com
Vishay Roederstein
Revision: 14-Mar-12
2
Document Number: 25013
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GENERAL NOTE
• For Minimum Package Quantity (MPQ) and Minimum Order Quantity (MOQ) please refer to our price list or contact customer service.
• For other packaging forms please refer to Vishay Roederstein General Information.
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
RATED VOLTAGE (V)
160
200
250
350
400
450
2.2

6.3 x 11
8 x 11.5
10 x 12.5
3.3
6.3 x 11
8 x 11.5
10 x 12.5
10 x 16
4.7
6.3 x 11
8 x 11.5
10 x 12.5
10 x 16
6.8
8 x 11.5
10 x 12.5
10 x 16
10 x 20
10

10 x 12.5
10 x 16
10 x 20
12.5 x 20
15

10 x 16
10 x 20
12.5 x 20
12.5 x 25
22
10 x 16
10 x 20
12.5 x 20
12.5 x 25
16 x 25
33
10 x 20
12.5 x 20
12.5 x 25
16 x 25
16 x 31.5
47
12.5 x 20
12.5 x 25
16 x 25
16 x 31.5
16 x 35.5
68
12.5 x 25
16 x 20
16 x 25
16 x 31.5
18 x 35.5
18 x 40
100
12.5 x 25
16 x 25
16 x 31.5
18 x 35.5
18 x 40
-
150
16 x 25
16 x 35.5
18 x 35.5
18 x 40
-
-
220
16 x 31.5
18 x 35.5
18 x 40
-
-
-
330
18 x 35.5
18 x 40
-
-
-
-
470
18 x 40
-
-
-
-
-
RADIAL STYLE: DIMENSIONS in millimeters
Ø D
5
6.3
8
10
12.5
16
18
22
25
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
10.0
12.5
Ø d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
1.0
1.0
1.5
2.0
0.5
1.0
DIMENSIONS in millimeters AND AVAILABLE FORMS
L +
β max.
Ø d ± 0.05 tinned copper-ply steel
S ± 0.5
15 min.
4 min.
+
-
Casing Insulation
L
max.
15 min.
4 min.
Ø D ≤ 18 long leads MALREKB00...
L
max.
4.5 ± 0.5
S ± 0.5
Ø D ≤ 18 shortened leads MALREKB05...
(S = 2 mm/2.5 mm/3.5 mm/5 mm/7.5 mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com