Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # EKB
Description  Aluminum Capacitors Radial Style
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKB Datasheet(HTML) 4 Page - Vishay Siliconix

  EKB Datasheet HTML 1Page - Vishay Siliconix EKB Datasheet HTML 2Page - Vishay Siliconix EKB Datasheet HTML 3Page - Vishay Siliconix EKB Datasheet HTML 4Page - Vishay Siliconix EKB Datasheet HTML 5Page - Vishay Siliconix EKB Datasheet HTML 6Page - Vishay Siliconix EKB Datasheet HTML 7Page - Vishay Siliconix EKB Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EKB
www.vishay.com
Vishay Roederstein
Revision: 14-Mar-12
4
Document Number: 25013
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25
68
5 x 11
0.16
3.12
108
0.45
MALREKB00AA268E00K
150
6.3 x 11
0.16
1.41
185
0.46
MALREKB00BA315E00K
330
8 x 11.5
0.16
0.64
324
1.10
MALREKB00PB333E00K
470
10 x 12.5
0.16
0.45
449
2.05
MALREKB00DC347E00K
680
10 x 16
0.16
0.31
591
2.20
MALREKB00DD368E00K
1000
10 x 20
0.16
0.21
782
3.10
MALREKB00DE410E00K
1500
12.5 x 20
0.18
0.16
1017
4.00
MALREKB00FE415E00K
2200
12.5 x 25
0.20
0.12
1235
5.00
MALREKB00FG422E00K
3300
16 x 25
0.22
0.09
1562
8.50
MALREKB00JG433E00K
4700
16 x 31.5
0.24
0.07
1916
10.0
MALREKB00JS447E00K
6800
18 x 35.5
0.28
0.05
2335
14.0
MALREKB00KL468E00K
35
47
5 x 11
0.14
3.95
96
0.45
MALREKB00AA247F00K
68
6.3 x 11
0.14
2.73
132
0.46
MALREKB00BA268F00K
100
6.3 x 11
0.14
1.86
160
0.46
MALREKB00BA310F00K
150
8 x 11.5
0.14
1.24
231
1.10
MALREKB00PB315F00K
220
8 x 11.5
0.14
0.84
280
1.10
MALREKB00PB322F00K
330
10 x 12.5
0.14
0.56
399
2.05
MALREKB00DC333F00K
470
10 x 16
0.14
0.40
521
2.20
MALREKB00DD347F00K
680
12.5 x 16
0.14
0.27
740
3.00
MALREKB00FD368F00K
1000
12.5 x 20
0.14
0.19
974
4.00
MALREKB00FE410F00K
1500
16 x 20
0.16
0.14
1188
6.00
MALREKB00JE415F00K
2200
16 x 25
0.18
0.11
1426
8.50
MALREKB00JG422F00K
3300
16 x 35.5
0.20
0.08
1857
11.0
MALREKB00JL433F00K
4700
16 x 35.5
0.22
0.06
2224
14.0
MALREKB00JL447F00K
50
33
5 x 11
0.12
4.82
92
0.45
MALREKB00AA233H00K
220
10 x 12.5
0.12
0.72
376
2.05
MALREKB00DC322H00K
330
10 x 16
0.12
0.48
504
2.20
MALREKB00DD333H00K
470
10 x 20
0.12
0.34
657
3.10
MALREKB00DE347H00K
680
12.5 x 20
0.12
0.23
927
4.00
MALREKB00FE368H00K
1000
12.5 x 25
0.12
0.16
1226
5.00
MALREKB00FG410H00K
1500
16 x 25
0.14
0.12
1442
8.50
MALREKB00JG415H00K
2200
16 x 31.5
0.16
0.10
1442
10.0
MALREKB00JS422H00K
3300
16 x 35.5
0.18
0.07
1794
11.0
MALREKB00JL433H00K
63
2.2
5 x 11
0.10
60.29
26
0.45
MALREKB00AA122J00K
3.3
5 x 11
0.10
40.19
32
0.45
MALREKB00AA133J00K
4.7
5 x 11
0.10
28.22
38
0.45
MALREKB00AA147J00K
6.8
5 x 11
0.10
19.50
46
0.45
MALREKB00AA168J00K
10
5 x 11
0.10
13.26
56
0.45
MALREKB00AA210J00K
15
5 x 11
0.10
8.84
68
0.45
MALREKB00AA215J00K
22
5 x 11
0.10
6.03
83
0.45
MALREKB00AA222J00K
33
6.3 x 11
0.10
4.02
116
0.46
MALREKB00BA233J00K
47
6.3 x 11
0.10
2.82
139
0.46
MALREKB00BA247J00K
68
8 x 11.5
0.10
1.95
197
1.10
MALREKB00PB268J00K
100
8 x 11.5
0.10
1.33
239
1.10
MALREKB00PB310J00K
150
10 x 12.5
0.10
0.88
340
2.05
MALREKB00DC315J00K
220
10 x 16
0.10
0.60
451
2.20
MALREKB00DD322J00K
330
10 x 20
0.10
0.40
603
3.10
MALREKB00DE333J00K
470
12.5 x 20
0.10
0.28
844
4.00
MALREKB00FE347J00K
680
12.5 x 25
0.10
0.20
1107
5.00
MALREKB00FG368J00K
1000
16 x 25
0.10
0.13
1490
8.50
MALREKB00JG410J00K
1500
16 x 35.5
0.12
0.11
1770
11.0
MALREKB00JL415J00K
2200
16 x 35.5
0.14
0.08
1770
11.0
MALREKB00JL422J00K
3300
18 x 40
0.16
0.06
2689
14.6
MALREKB00KK433J00K
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(μF)
DIMENSIONS
Dx L
(mm)
tan
120 Hz
RESR
120 Hz
(
)
IR
120 Hz/105 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER
(Long Leads)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com