Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4350 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4350 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC4350_13 Datasheet HTML 2Page - NXP Semiconductors LPC4350_13 Datasheet HTML 3Page - NXP Semiconductors LPC4350_13 Datasheet HTML 4Page - NXP Semiconductors LPC4350_13 Datasheet HTML 5Page - NXP Semiconductors LPC4350_13 Datasheet HTML 6Page - NXP Semiconductors LPC4350_13 Datasheet HTML 7Page - NXP Semiconductors LPC4350_13 Datasheet HTML 8Page - NXP Semiconductors LPC4350_13 Datasheet HTML 9Page - NXP Semiconductors LPC4350_13 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
6 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
5.
Block diagram
(1) Not available on all parts (see Table 2).
Fig 1.
LPC4350/30/20/10 Block diagram
ARM
CORTEX-M4
TEST/DEBUG
INTERFACE
DMA
LCD(1)
SD/
MMC
ETHERNET(1)
10/100
MAC
IEEE 1588
HIGH-SPEED
USB0(1)
HOST/
DEVICE/OTG
HIGH-SPEED
USB1(1)
HOST/DEVICE
EMC
HIGH-SPEED PHY
32 kB AHB SRAM
16 +16 kB AHB SRAM
SPIFI
HS GPIO
SPI
SGPIO
SCT
64 kB ROM
I2C0
I2S0
I2S1
C_CAN1
MOTOR
CONTROL
PWM(1)
TIMER3
TIMER2
USART2
USART3
SSP1
RI TIMER
QEI(1)
GIMA
BRIDGE 0
BRIDGE 1
BRIDGE 2
BRIDGE 3
BRIDGE
BRIDGE
AHB MULTILAYER MATRIX
LPC4350/30/20/10
128 kB LOCAL SRAM
72 kB LOCAL SRAM
10-bit ADC0
10-bit ADC1
C_CAN0
I2C1
10-bit DAC
BRIDGE
RGU
CCU2
CGU
CCU1
ALARM TIMER
CONFIGURATION
REGISTERS
OTP MEMORY
EVENT ROUTER
POWER MODE CONTROL
12 MHz IRC
RTC POWER DOMAIN
BACKUP REGISTERS
RTC OSC
RTC
002aaf772
slaves
slaves
masters
ARM
CORTEX-M0
TEST/DEBUG
INTERFACE
= connected to GPDMA
GPIO
INTERRUPTS
GPIO GROUP0
INTERRUPT
GPIO GROUP1
INTERRUPT
WWDT
USART0
UART1
SSP0
TIMER0
TIMER1
SCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com