Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4350 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4350 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC4350_13 Datasheet HTML 1Page - NXP Semiconductors LPC4350_13 Datasheet HTML 2Page - NXP Semiconductors LPC4350_13 Datasheet HTML 3Page - NXP Semiconductors LPC4350_13 Datasheet HTML 4Page - NXP Semiconductors LPC4350_13 Datasheet HTML 5Page - NXP Semiconductors LPC4350_13 Datasheet HTML 6Page - NXP Semiconductors LPC4350_13 Datasheet HTML 7Page - NXP Semiconductors LPC4350_13 Datasheet HTML 8Page - NXP Semiconductors LPC4350_13 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 153 page
background image
1.
General description
The LPC4350/30/20/10 are ARM Cortex-M4 based microcontrollers for embedded
applications which include an ARM Cortex-M0 coprocessor, up to 264 kB of SRAM,
advanced configurable peripherals such as the State Configurable Timer (SCT) and the
Serial General-Purpose I/O (SGPIO) interface, two High-speed USB controllers, Ethernet,
LCD, an external memory controller, and multiple digital and analog peripherals. The
LPC4350/30/20/10 operate at CPU frequencies of up to 204 MHz.
The ARM Cortex-M4 is a next generation 32-bit core that offers system enhancements
such as low power consumption, enhanced debug features, and a high level of support
block integration. The ARM Cortex-M4 CPU incorporates a 3-stage pipeline, uses a
Harvard architecture with separate local instruction and data buses as well as a third bus
for peripherals, and includes an internal prefetch unit that supports speculative branching.
The ARM Cortex-M4 supports single-cycle digital signal processing and SIMD
instructions. A hardware floating-point processor is integrated in the core.
The ARM Cortex-M0 coprocessor is an energy-efficient and easy-to-use 32-bit core which
is code- and tool-compatible with the Cortex-M4 core. The Cortex-M0 coprocessor offers
up to 204 MHz performance with a simple instruction set and reduced code size.
2.
Features and benefits
Cortex-M4 Processor core
ARM Cortex-M4 processor, running at frequencies of up to 204 MHz.
ARM Cortex-M4 built-in Memory Protection Unit (MPU) supporting eight regions.
ARM Cortex-M4 built-in Nested Vectored Interrupt Controller (NVIC).
Hardware floating-point unit.
Non-maskable Interrupt (NMI) input.
JTAG and Serial Wire Debug (SWD), serial trace, eight breakpoints, and four watch
points.
Enhanced Trace Module (ETM) and Enhanced Trace Buffer (ETB) support.
System tick timer.
Cortex-M0 Processor core
ARM Cortex-M0 co-processor capable of off-loading the main ARM Cortex-M4
application processor.
Running at frequencies of up to 204 MHz.
JTAG and built-in NVIC.
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet;
two High-speed USBs; advanced configurable peripherals
Rev. 4 — 26 March 2013
Product data sheet


Similar Part No. - LPC4350_13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4350 PHILIPS-LPC4350_12 Datasheet
2Mb / 149P
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 3.1-5 January 2012
More results

Similar Description - LPC4350_13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1850 NXP-LPC1850 Datasheet
550Kb / 84P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
Rev. 1-3 January 2011
LPC4350 NXP-LPC4350 Datasheet
1Mb / 145P
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
Rev. 2.1-23 September2011
LPC4350 PHILIPS-LPC4350_12 Datasheet
2Mb / 149P
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 3.1-5 January 2012
LPC4370 NXP-LPC4370 Datasheet
2Mb / 150P
32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
Rev. 2-21 October 2013
LPC4367JET100E NXP-LPC4367JET100E Datasheet
2Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
LPC435X NXP-LPC435X Datasheet
7Mb / 162P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
LPC43S6X NXP-LPC43S6X Datasheet
6Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-13 January 2020
LPC43S50 NXP-LPC43S50 Datasheet
7Mb / 156P
32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
Rev. 1.3 - 20 January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com