Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC15_M Datasheet(PDF) 1 Page - Recom International Power

Part # REC15_M
Description  The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2?쓝1??package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15_M Datasheet(HTML) 1 Page - Recom International Power

  REC15_M Datasheet HTML 1Page - Recom International Power REC15_M Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-166
REV: 0/2012
Refer to Application Notes
ECONOLINE
DC/DC-Converter
with 3 year Warranty
REC15/M
RoHS
2002/95/EC
6/6
www.recom-electronic.com
Selection Guide
● 15W in 2” x 1” Package
● 2kVDC and 3kVDC Isolation Options
● 2:1 or 4:1 Input Voltage Range
● Continuous Short Circuit Protection
(power limiting)
● Synchronous Rectification on 3.4V & 5.1V outputs
● Full SMD internal design
● Remote Control Pin
● Efficiency to 87%
Features
Regulated
Converters
Part
Input
Output
Output
Efficiency Max. Cap.
Number
Voltage
Voltage
Current
(typ.)
Load
(VDC)
(VDC)
(mA)
(%)
REC15-xx3.4S/H*/M
9-18, 18-36, 36-75
3.4
3000
84-85
3300µF
REC15-xx5.1S/H*/M
9-18, 18-36, 36-75
5.1
3000
86-87
3300µF
REC15-xx12S/H*/M
9-18, 18-36, 36-75
12
1250
85-86
3300µF
REC15-xx15S/H*/M
9-18, 18-36, 36-75
15
1000
85-86
3300µF
REC15-xx05D/H*/M
9-18, 18-36, 36-75
±5
±1500
82-83
±1500µF
REC15-xx12D/H*/M
9-18, 18-36, 36-75
±12
±625
85-86
±1000µF
REC15-xx15D/H*/M
9-18, 18-36, 36-75
±15
±500
85-86
±1000µF
REC15-xx3.4SZ/H*/M
9-36, 18-75
3.4
3000
84-85
3300µF
REC15-xx5.1SZ/H*/M
9-36, 18-75
5.1
3000
87
3300µF
REC15-xx12SZ/H*/M
9-36, 18-75
12
1250
86
3300µF
REC15-xx15SZ/H*/M
9-36, 18-75
15
1000
86
3300µF
REC15-xx05DZ/H*/M
9-36, 18-75
±5
±1500
83
±1500µF
REC15-xx12DZ/H*/M
9-36, 18-75
±12
±625
86
±1000µF
REC15-xx15DZ/H*/M
9-36, 18-75
±15
±500
86
±1000µF
2:1
xx = 9-18Vin = 12,
xx = 18-36Vin = 24,
xx = 36-75Vin = 48
* Standard is /H2 for 2kVDC isolation,
use /H3 for 3kVDC Isolation
Description
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2”x1” package with
2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications. Re-
mote on/off control is standard. The converters can deliver 150% rated power for short periods
of time to cope with applications with large capacitive loads or high start up currents. The out-
puts with 3A load current have raised output voltages to compensate for track losses as stan-
dard.
Input Voltage Range
2:1 or 4:1
Input Filter
PI Network
Output Voltage Accuracy (the Output 3.4V is ±1.2% max.)
±1.0% max.
Line Voltage Regulation
±0.3% max.
Load Voltage Regulation
Single
±0.5% max.
(25% to 100% full load )
Dual
±1.2% max.
Cross Regulation (100%: 25% to 100% full load )
±5% max.
Output Ripple and Noise (with 100n output capacitor and 20MHz BW)
100mVp-p max.
Start-up time (Nom. Vin at 100% Load)
25ms typ.
Operating Frequency (Full Load)
300kHz typ.
Efficiency (Nom. Vin at 100% Load)
see Selection Guide
Minimum Load
0%
Input Surge Voltage (100ms max.)
12V Input
36VDC
24V Input
50VDC
48V Input
100VDC
cont.
15 Watt
2” x 1”
Single & Dual
Output
4:1
xx = 9-36Vin = 24,
xx = 18-75Vin = 48
EN-60950-1 Certified
UL-60950-1 Certified
E-224736


Similar Part No. - REC15_M

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC15-M RECOM-REC15-M Datasheet
116Kb / 2P
15 Watt Single & Dual Output
More results

Similar Description - REC15_M

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANEH2 WALL-LANEH2 Datasheet
158Kb / 3P
3KVDC I/O Isolation Single and Dual Output 2 Watt DC/DC Converter
logo
Recom International Pow...
RS3-XX3.3S RECOM-RS3-XX3.3S_13 Datasheet
167Kb / 3P
2.1 and 3.1 Wide Input Voltage Ranges 1kVDC,2kVDC and 3kVDC Isolation
logo
XP Power Limited
ISL XPPOWER-ISL Datasheet
209Kb / 1P
Single and Dual Regulated Outputs
ISP XPPOWER-ISP Datasheet
91Kb / 1P
Single and Dual Regulated Outputs
logo
Recom International Pow...
R0.25E RECOM-R0.25E Datasheet
105Kb / 2P
1kVDC and 2kVDC Isolation Option
RBL RECOM-RBL Datasheet
92Kb / 2P
1kVDC and 2kVDC Isolation Option
REC7.5 RECOM-REC7.5 Datasheet
124Kb / 3P
1KVDC, 2KVDC and 3kVDC Isolation Options
REC10M RECOM-REC10M Datasheet
105Kb / 2P
2kVDC and 3kVDC Isolation Options
REC15-SD RECOM-REC15-SD Datasheet
467Kb / 6P
2kVDC And 3kVDC Isolation Options
logo
Shenzhen Huazhimei Semi...
HM20N120T HMSEMI-HM20N120T Datasheet
968Kb / 9P
H&M NPT IGBTs offer lower losses and higher energy
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com