Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC15_M Datasheet(PDF) 2 Page - Recom International Power

Part # REC15_M
Description  The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2?쓝1??package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15_M Datasheet(HTML) 2 Page - Recom International Power

  REC15_M Datasheet HTML 1Page - Recom International Power REC15_M Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
E-167
REV:0/2012
Specifications cont. (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Isolation Voltage
/H2 Version
(tested for 1 second)
2000VDC
(rated for 1 minute)
1000VAC / 60Hz
/H3 Version
(tested for 1 second)
3000VDC
(rated for 1 minute)
1500VAC / 60Hz
Under Voltage Lockout (2:1)
12V Input
DC-DC on 8.3VDC, DC-DC off 7.9VDC
24V Input
DC-DC on 17.4VDC, DC-DC off 16.7VDC
48V Input
DC-DC on 35.7VDC, DC-DC off 34.3VDC
Under Voltage Lockout (4:1)
24V Input
DC-DC on 8.3VDC, DC-DC off 7.9VDC
48V Input
DC-DC on 17.4VDC, DC-DC off 16.7VDC
Isolation Capacitance
1200pF typ.
Isolation Resistance
1 G
Ω min.
Overload Protection
150% typ.
Short Circuit Protection
Continuous, Auto Restart
Operating Temperature Range
4:1
-40°C to +65°C (see Graph)
(free air convection)
2:1
-40°C to +71°C (see Graph)
Storage Temperature Range
-55°C to +105°C
Remote On/Off
DC/DC ON
Open or 3.5V<Vr<12V
DC/DC OFF
Short or 0V<Vr<1.2V
Temperature Coefficient
±0.05% max.
Relative Humidity
95% RH
Case Material
Nickel Plated Metal with Non-Conductive Base
Thermal Impedance
Natural convection
20°C/W
Maximum Case Temperature
100°C
Vibration
10-55Hz, 2G, 30mins along X,Y & Z
Package Weight
27g
Packing Quantity
10 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
>700 x 103hours
(+71°C)
using MIL-HDBK 217F
>150 x 103hours
Certifications
EN General Safety
Report: PS090302950C2
EN60950-1:2006
UL General Safety
Report: E248550
UL 60950-1 1st Ed.
C22.2 No. 60950-1-03
REC15-S_D/H*/M
Series
ECONOLINE
DC/DC-Converter
Derating-Graph
(Ambient Temperature)
100
60
20
40
100
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
71
100
60
20
40
90
50
0
-40
71
150
Operating Temperature °C
0
80
Safe Operating Area
4:1
2:1 Converters
4:1 Converters
Package Style and Pinning (mm)
XX.X ± 0.5 mm
XX.XX ± 0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
3
+Vout
+Vout
4
No Pin
Com
5
–Vout
–Vout
6
CTRL
CTRL
Detailed Information see
Application Notes chapter "MTBF"
}
3rd angle
projection
Note: Refer to Application Notes for EMC Class B Filter suggestion
3
1
2
5
4
20.32
50.8
dia.
1.0
10.16
10.16
12.70
15.24
Bottom View
6
2.50
5.08
25.4
5.6
10.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com