Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB4BVB3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZB4BVB3
Description  Body/contact assemblies - Screw clamp terminal connections
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB4BVB3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZB4BVB3 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZB4BVB3 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZB4BVB3 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZB4BVB3 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZB4BVB3 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZB4BVB3 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZB4BVB3 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZB4BVB3 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZB4BVB3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3
To combine with:
heads, see page 36060-EN_Ver4.0/6
References
Light blocks
Screw clamp terminal connections (Schneider Electric anti-retightening system)
Description
Supply voltage
V
Colour of
light source
Sold in
lots of
Unit
reference
Weight
kg
Integral LED
(to combine with
heads for integral LED)
z 12
(50/60 Hz)
White
5
ZBV J1
0.017
Green
5
ZBV J3
0.017
Red
5
ZBV J4
0.017
Orange
5
ZBV J5
0.017
Blue
5
ZBV J6
0.017
z 24
(50/60 Hz)
White
5
ZBV B1
0.017
Green
5
ZBV B3
0.017
Red
5
ZBV B4
0.017
Orange
5
ZBV B5
0.017
Blue
5
ZBV B6
0.017
z 24…120
(50/60 Hz)
White
5
ZBV BG1
0.017
Green
5
ZBV BG3
0.017
Red
5
ZBV BG4
0.017
Orange
5
ZBV BG5
0.017
Blue
5
ZBV BG6
0.017
a 110...120
(50/60 Hz)
White
5
ZBV G1
0.017
Green
5
ZBV G3
0.017
Red
5
ZBV G4
0.017
Orange
5
ZBV G5
0.017
Blue
5
ZBV G6
0.017
a 230...240
(50/60 Hz)
White
5
ZBV M1
0.017
Green
5
ZBV M3
0.017
Red
5
ZBV M4
0.017
Orange
5
ZBV M5
0.017
Blue
5
ZBV M6
0.017
Blocks for “test light” function
For use with
Supply voltage
V
Description
Reference
Weight
kg
Light blocks
z 12 and 24
z 24…120
Single module, 1 connecting wire
ZBZ G156 (1)
0.010
Light blocks with integral LED a 48…230
Double module, with connecting wires
ZBZ M156 (2)
0.010
LED suppressors
For use with
Supply voltage
V
Level of
protection
Reference
Weight
kg
Light blocks with integral LED
fitted with screw clamp
terminal connections
a 120
25…120 VA
ZBZ VG
0.010
a 230
30…230 VA
ZBZ VM
0.010
Flashing light blocks
Screw clamp terminal connections (Schneider Electric anti-retightening system)
Description
Supply voltage
V
Colour of
light source
Sold in
lots of
Unit
reference
Weight
kg
Integral LED
(to combine with
heads for integral LED)
z 24
(50/60 Hz)
White
5
ZBV 18B1
0.017
Green
5
ZBV 18B3
0.017
Red
5
ZBV 18B4
0.017
Orange
5
ZBV 18B5
0.017
Blue
5
ZBV 18B6
0.017
a 110...120
(50/60 Hz)
White
5
ZBV 18G1
0.017
Green
5
ZBV 18G3
0.017
Red
5
ZBV 18G4
0.017
Orange
5
ZBV 18G5
0.017
Blue
5
ZBV 18G6
0.017
a 230...240
(50/60 Hz)
White
5
ZBV 18M1
0.017
Green
5
ZBV 18M3
0.017
Red
5
ZBV 18M4
0.017
Orange
5
ZBV 18M5
0.017
Blue
5
ZBV 18M6
0.017
(1) Block for use with z light blocks with integral LED types ZBV Jp, ZBV Bp, ZVB BGp or with direct supply light block for BA 9s
bulb, ZBV 6.
(2) Block for use a light blocks integral LED types ZBV Gp, ZBV Mp, see connection on page 36020-EN_Ver17.0/10.
ZBV Bp
ZBV Bp
ZBZ G156
ZBZ G156
ZBZ M156
ZBZ M156
ZBZ Vp
ZBZ Vp
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
Control and signalling units Ø 22
0
Harmony® XB4, metal
Light blocks - “Test light” - Protection
36068-EN_Ver4.1.indd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com