Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB4BVB3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ZB4BVB3
Description  Body/contact assemblies - Screw clamp terminal connections
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB4BVB3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ZB4BVB3 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZB4BVB3 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZB4BVB3 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZB4BVB3 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZB4BVB3 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZB4BVB3 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZB4BVB3 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZB4BVB3 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZB4BVB3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2
To combine with heads, see pages 36060-EN_
Ver4.0/2 to 36067-EN_Ver3.0/2
References
Control and signalling units Ø 22
0
Harmony® XB4, metal
Body/contact assemblies - Screw clamp terminal
connections
Body/fixing collar
For use with
Sold in lots of
Unit reference
Weight
kg
Electrical block (contact or light)
10
ZB4 BZ009
0.038
Contact functions (1)
Screw clamp terminal connections (Schneider Electric anti-retightening system)
Contacts for standard applications
Description
Type of
contact
Sold in
lots of
Unit
reference
Weight
kg
N/O
N/C
Contact blocks
Single
1
–
5
ZBE 101
0.011
–1
5
ZBE 102
0.011
Double
2
–
5
ZBE 203
0.020
–2
5
ZBE 204
0.020
11
5
ZBE 205
0.020
Single with
body/fixing collar
1–
1
ZB4 BZ101
0.053
–1
1
ZB4 BZ102
0.053
2–
1
ZB4 BZ103
0.062
–2
1
ZB4 BZ104
0.062
11
1
ZB4 BZ105
0.062
12
1
ZB4 BZ141
0.072
Contacts for specific applications
Application
Type of
contact
Description
Sold in
lots of
Unit
reference
Weight
kg
N/O
N/C
Low power switching
Single
Standard
1
–
5
ZBE 1016
0.012
–1
5
ZBE 1026
0.012
Dusty environment (2)
(IP5X, 50 μm dust)
1–
5
ZBE 1016P
0.012
–1
5
ZBE 1026P
0.012
Staggered contacts
Single
Early make
1–
5
ZBE 201
0.011
N/O
Late break
–1
5
ZBE 202
0.011
N/C
Single with
body/fixing
collar
Overlapping
11
5
ZB4 BZ106
0.062
N/O+N/C
Staggered
–2
5
ZB4 BZ107
0.062
N/O+N/O
Clip-on legend holders for electrical blocks with screw clamp terminal connections
For use with
Sold in lots of
Unit reference
Weight
kg
Identification of an XB4 B control or signalling unit
10
ZBZ 001
0.001
Sheet of 50 blank legends
Legend holder ZBZ 001
10
ZBY 001
0.023
“SIS Label” labelling software (for legends ZBY 001)
For legend design
for English, French, German, Italian, Spanish
1
XBY 2U
0.100
(1) The contact blocks enable variable composition of body/contact assemblies. Maximum number of rows possible: 3. Either
3 rows of 3 single contacts or 1 row of 3 double contacts + 1 row of 3 single contacts (double contacts occupy the first 2 rows).
Maximum number of contacts is specified on page 36072-EN_Ver3.0/2.
(2) It is not possible to fit an additional contact block on the back of these contact blocks.
ZB4 BZ009
ZB4 BZ009
ZBE 101
ZBE 101
ZBE 203
ZBE 203
ZB4 BZ101
ZB4 BZ101
ZBE 201
ZBE 201
ZB4 BZ106
ZB4 BZ106
ZB4 BZ107
ZB4 BZ107
ZBZ 001
ZBZ 001
Labelling
softw
are
Logiciel
de création
d'étiquettes
Beschr
iftungssoftw
are
Softw
are par
a crear
etiquetas
Softw
are per
la creazione
di etichette
SIS-Label
Merlin
Gerin
Modicon
Square
D
Telemecanique
XBY 2U
Labelling
softw
are
Logiciel
de création
d'étiquettes
Beschr
iftungssoftw
are
Softw
are par
a crear
etiquetas
Softw
are per
la creazione
di etichette
SIS-Label
Merlin
Gerin
Modicon
Square
D
Telemecanique
XBY 2U
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
36068-EN_Ver4.1.indd


Similar Part No. - ZB4BVB3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BVB3 SCHNEIDER-ZB4BVB3 Datasheet
155Kb / 5P
Harmony XB4, Light block with body/fixing collar, metal, green, integral LED, 24 V AC/DC
Oct 25, 2021
ZB4BVB3156 SCHNEIDER-ZB4BVB3156 Datasheet
141Kb / 3P
Complete body/light block assembly, Harmony XB4, body for pilot light, ZB4, green integral LED, 24 V
Oct 25, 2021
More results

Similar Description - ZB4BVB3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KT120 ETC2-KT120 Datasheet
47Kb / 2P
Terminal connections
logo
Weidmuller
0267400000 WEIDMULLER-0267400000 Datasheet
464Kb / 1P
Screw Clamp Connections Spring Loaded
logo
Schneider Electric
RXZE2M114 SCHNEIDER-RXZE2M114 Datasheet
65Kb / 2P
Socket, mixed contact, screw clamp terminals
Aug 13, 2020
ZBE102 SCHNEIDER-ZBE102 Datasheet
63Kb / 3P
single contact block for head 횠22 1NC screw clamp terminal
Oct 16, 2014
ZBE204 SCHNEIDER-ZBE204 Datasheet
117Kb / 2P
double contact blocks for head Ø22 2NC screw clamp terminal
Oct 8, 2019
ZB4BZ1029 SCHNEIDER-ZB4BZ1029 Datasheet
152Kb / 3P
Complete body/contact assembly, Harmony XB4, single contact block with body/fixing collar 1NC spring clamp terminal
Oct 4, 2021
ZB4BZ107 SCHNEIDER-ZB4BZ107 Datasheet
205Kb / 5P
Complete body/contact assembly, Harmony XB4, Single contact block with body/fixing collar, metal, screw clamp terminal, 2 NO
ZB4BZ141 SCHNEIDER-ZB4BZ141 Datasheet
164Kb / 5P
Harmony XB4, Single contact block with body/fixing collar, metal, screw clamp terminal, 1 NO 2 NC
ZB5AZ104 SCHNEIDER-ZB5AZ104 Datasheet
140Kb / 4P
single contact block with body/fixing collar 2NC screw clamp terminal
Aug 15, 2019
logo
ABB
ZS16 ABB-ZS16 Datasheet
362Kb / 6P
ZS16 Screw Clamp Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com