Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB4BVB6 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ZB4BVB6
Description  Body/contact assemblies - Screw clamp terminal connections
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB4BVB6 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ZB4BVB6 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
11
To combine with:
heads, see page 36066-EN_Ver3.0/2
contacts, see page 36068-EN_Ver4.0/2
References
Complete light bodies with 3-terminal “test” function
(fixing collar + light block with integral LED + pre-wired block for “test light” function)
Screw clamp terminal connections (Schneider Electric anti-retightening system)
Light
source
Supply voltage
V
Colour of
light source
Reference
Weight
kg
Integral LED
z 24 (1)
(50/60 Hz)
White
ZB4 BVB1156
0.054
Green
ZB4 BVB3156
0.054
Red
ZB4 BVB4156
0.054
Orange
ZB4 BVB5156
0.054
Blue
ZB4 BVB6156
0.054
Complete bodies with flashing pilot light (fixing collar + light block with integral LED)
Screw clamp terminal connections (Schneider Electric anti-retightening system)
Light source
Supply voltage
V
Colour of
light source
Reference
Weight
kg
Integral LED
z 24
(50/60 Hz)
White
ZB4 BV18B1
0.054
Green
ZB4 BV18B3
0.054
Red
ZB4 BV18B4
0.054
Orange
ZB4 BV18B5
0.054
Blue
ZB4 BV18B6
0.054
a 110…120
(50/60 Hz)
White
ZB4 BV18G1
0.054
Green
ZB4 BV18G3
0.054
Red
ZB4 BV18G4
0.054
Orange
ZB4 BV18G5
0.054
Blue
ZB4 BV18G6
0.054
a 230…240
(50/60 Hz)
White
ZB4 BV18M1
0.054
Green
ZB4 BV18M3
0.054
Red
ZB4 BV18M4
0.054
Orange
ZB4 BV18M5
0.054
Blue
ZB4 BV18M6
0.054
(1) For a a 120 or 230 V supply, use complete body ZB4 BVGp or ZB4 BVMp with block for “test light” function type ZBZ M156,
see page 36066-EN_Ver3.0/2 and 36068-EN_Ver4.1/3.
ZB4 BVBp156
ZB4 BVBp156
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
Control and signalling units Ø 22
0
Harmony® XB4, metal
Body/light assemblies for pilot lights with integral LED
36068-EN_Ver4.1.indd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com