Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB4BVB6 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZB4BVB6
Description  Body/contact assemblies - Screw clamp terminal connections
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB4BVB6 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ZB4BVB6 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
7
To combine with heads, see pages 36060-EN_
Ver4.0/2 to 36067-EN_Ver3.0/2
References
Body/fixing collar
For use with
Sold in lots of
Unit reference
Weight
kg
Electrical block (contact or light)
6
ZB4 BZ009
0.038
Contact functions
Plug-in connector (1)
Contacts for standard applications
Description
Type of contact
Sold in lots of
Unit
reference
Weight
kg
N/O
N/C
Contact blocks
Single
1–
5
ZBE 1014
0.011
–1
5
ZBE 1024
0.011
Single with
body/fixing collar
1–
1
ZB4 BZ1014
0.050
–1
1
ZB4 BZ1024
0.050
2–
1
ZB4 BZ1034
0.058
–2
1
ZB4 BZ1044
0.058
11
1
ZB4 BZ1054
0.058
12
1
ZB4 BZ1414
0.064
Light blocks
Plug-in connector
Description
Supply
voltage (V)
Colour of
light source
Sold in
lots of
Unit
reference
Weight
kg
Integral LED
(to combine with
heads for integral LED)
z 24
(50/60 Hz)
White
5
ZBV B14
0.016
Green
5
ZBV B34
0.016
Red
5
ZBV B44
0.016
Orange
5
ZBV B54
0.016
Blue
5
ZBV B64
0.016
a 110…120
(50/60 Hz)
White
5
ZBV G14
0.016
Green
5
ZBV G34
0.016
Red
5
ZBV G44
0.016
Orange
5
ZBV G54
0.016
Blue
5
ZBV G64
0.016
a 230…240
(50/60 Hz)
White
5
ZBV M14
0.016
Green
5
ZBV M34
0.016
Red
5
ZBV M44
0.016
Orange
5
ZBV M54
0.016
Blue
5
ZBV M64
0.016
Connecting cables and connector
Description
Number of
connectors
Wire
c.s.a.
mm2
Length
mm
Sold in
lots of
Unit
reference
Weight
kg
Cables with connectors
2-pin, 5.08 mm pitch
1
0.75
500
8
APE 1C2150
0.120
2
0.75
500
8
APE 1C2250
0.180
Spring terminal connector
2-pin, 5.08 mm pitch
–
0.2 to
2.5
–
10
APE 1PRE21
0.003
(1) It is not possible to fit an additional contact block on the back of these contact blocks.
ZB4 BZ009
ZB4 BZ009
ZBE 1014
ZBE 1014
ZBE 1024
ZBE 1024
ZB4 BZ1014
ZB4 BZ1014
ZB4 BZ1024
ZB4 BZ1024
ZBV Bp4
ZBV Bp4
APE 1C2250
APE 1C2250
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
Control and signalling units Ø 22
0
Harmony® XB4, metal
Body/contact assemblies - Plug-in connector
36068-EN_Ver4.1.indd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com