Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ST501T Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2ST501T
Description  HIGH VOLTAGE NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2ST501T Datasheet(HTML) 1 Page - STMicroelectronics

  2ST501T Datasheet HTML 1Page - STMicroelectronics 2ST501T Datasheet HTML 2Page - STMicroelectronics 2ST501T Datasheet HTML 3Page - STMicroelectronics 2ST501T Datasheet HTML 4Page - STMicroelectronics 2ST501T Datasheet HTML 5Page - STMicroelectronics 2ST501T Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
February 2005
n
HIGH VOLTAGE SPECIAL DARLINGTON
STRUCTURE
n
VERY RUGGED BIPOLAR TECHNOLOGY
n
HIGH OPERATION JUNCTION
TEMPERATURE
n
HIGH DC CURRENT GAIN
APPLICATIONS
n
DRIVER FOR SOLENOID, RELAY AND
MOTOR
DESCRIPTION
The 2ST501T is a High Voltage NPN silicon
transistor
in
monolithic
special
Darlington
configuration mounted in Jedec TO-220 plastic
package.
Figure 1: Package
Figure 2: Internal Schematic Diagram
Table 1: Order Codes
Table 2: Absolute Maximum Ratings
TO-220
1
2
3
Part Number
Marking
Package
Packaging
2ST501T
2ST501T
TO-220
TUBE
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
500
V
VCEO
Collector-Emitter Voltage (IB = 0)
350
V
VEBO
Emitter-Base Voltage (IC = 0)
5V
IC
Collector Current
4A
ICM
Collector Peak Current (tp < 5ms)
8A
IB
Base Current
0.5
A
IBM
Base Peak Current (tp < 5ms)
2.5
A
Ptot
Total Dissipation at TC = 25 oC
100
W
Tstg
Storage Temperature
-65 to 150
°C
TJ
Max. Operating Junction Temperature
150
°C
2ST501T
HIGH VOLTAGE NPN POWER TRANSISTOR
Rev. 1


Similar Part No. - 2ST501T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2ST501T ISC-2ST501T Datasheet
277Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results

Similar Description - 2ST501T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUX84S PHILIPS-BUX84S Datasheet
29Kb / 4P
NPN high voltage Power transistor
February 1999 Rev 1.000
logo
STMicroelectronics
STD616A-1 STMICROELECTRONICS-STD616A-1 Datasheet
42Kb / 5P
HIGH VOLTAGE NPN POWER TRANSISTOR
Apr-1999
BUXD87 STMICROELECTRONICS-BUXD87 Datasheet
202Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
Apr-1999
BUX98APW STMICROELECTRONICS-BUX98APW Datasheet
46Kb / 4P
HIGH VOLTAGE NPN POWER TRANSISTOR
Feb-2002
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
Jun-2003
logo
Seme LAB
2N6678 SEME-LAB-2N6678 Datasheet
28Kb / 2P
HIGH VOLTAGE NPN POWER TRANSISTOR
logo
STMicroelectronics
STX616 STMICROELECTRONICS-STX616 Datasheet
111Kb / 8P
High voltage NPN power transistor
22-Oct-2007
logo
Cystech Electonics Corp...
TIP50I3 CYSTEKEC-TIP50I3 Datasheet
269Kb / 6P
High Voltage NPN Power Transistor
logo
ON Semiconductor
BUT11AF ONSEMI-BUT11AF Datasheet
60Kb / 8P
High Voltage NPN Power Transistor
March, 2001 ??Rev. 4
logo
Inchange Semiconductor ...
ISB3026 ISC-ISB3026 Datasheet
277Kb / 2P
High Voltage NPN Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com