Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM1240M Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # SCM1240M
Description  High Voltage, High Current 3-Phase Motor Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SCM1240M Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button SCM1240M Datasheet HTML 9Page - Allegro MicroSystems SCM1240M Datasheet HTML 10Page - Allegro MicroSystems SCM1240M Datasheet HTML 11Page - Allegro MicroSystems SCM1240M Datasheet HTML 12Page - Allegro MicroSystems SCM1240M Datasheet HTML 13Page - Allegro MicroSystems SCM1240M Datasheet HTML 14Page - Allegro MicroSystems SCM1240M Datasheet HTML 15Page - Allegro MicroSystems SCM1240M Datasheet HTML 16Page - Allegro MicroSystems SCM1240M Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
SANKEN ELECTRIC CO., LTD.
SCM1240MDS-Rev. 5
High Voltage, High Current 3-Phase Motor Drivers
SCM1240M
Device composition complies with the RoHS directive.
Branding codes
(exact appearance at manufacturer discretion):
Section A, type: SCM124xMF or SCM1241M
Section B,
lot: YMDDT
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
DD is the date
T is the tracking letter (A to Z)
The body shall be clean and shall not bear any stain, rust or flaw.
The type number and lot number shall be clearly stamped by
laser on the body so that cannot be erased easily.
(Top View)
(Bottom View)
8 x P5.1 = 40.8
5 x P1.27 = 6.35
5 x P1.27 = 6.35
5 x P1.27 = 6.35
1.27
3.7
3.7
3.7
2.57
1.27
1.27
3.24
47 ±0.3
Branding Area
43.3 ±0.3
Pin pitch measured at root
2.08 ±0.2
1.2 ±0.2
0.5
0.5
4.4 ±0.3
14 to 14.8
(5°)
(5°)
CC
A
JAPAN
B
A
A
B
B
2+0.5
0
2+0.2
–0.1
0.6+0.2
–0.1
0.7+0.2
–0.1
1.2+0.2
–0.1
Cu Thermal Pad
D
C–C
B–B
D
A–A
D–D
Two different types of marks
to be used:
Mark 1:
Mark 2:
Leadform: 2557 (SCM1241M: Fully molded) or
(SCM1243MF, SCM1245MF, SCM1246MF:
Exposed copper thermal pad)
Dimensions in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com