Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM1240M Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # SCM1240M
Description  High Voltage, High Current 3-Phase Motor Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SCM1240M Datasheet(HTML) 2 Page - Allegro MicroSystems

  SCM1240M Datasheet HTML 1Page - Allegro MicroSystems SCM1240M Datasheet HTML 2Page - Allegro MicroSystems SCM1240M Datasheet HTML 3Page - Allegro MicroSystems SCM1240M Datasheet HTML 4Page - Allegro MicroSystems SCM1240M Datasheet HTML 5Page - Allegro MicroSystems SCM1240M Datasheet HTML 6Page - Allegro MicroSystems SCM1240M Datasheet HTML 7Page - Allegro MicroSystems SCM1240M Datasheet HTML 8Page - Allegro MicroSystems SCM1240M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
SANKEN ELECTRIC CO., LTD.
SCM1240MDS-Rev. 5
High Voltage, High Current 3-Phase Motor Drivers
SCM1240M
All performance characteristics given are typical values for circuit or system baseline design only and are at the nominal operating voltage and an
ambient temperature, TA, of 25°C, unless otherwise stated.
Selection Guide
Part Number
Package
Packing
IGBT Breakdown
Voltage, VCES(min)
(V)
IGBT Saturation
Voltage, VCE(sat)(typ)
(V)
Output Current
Continuous,
IO(max)
(A)
Pulsed,
IOP (max)
(A)
SCM1241M
Fully Molded
10 pieces per tube
600
1.7
10
20
SCM1243MF
Heatsink Pad
10 pieces per tube
600
1.7
15
30
SCM1245MF
Heatsink Pad
10 pieces per tube
600
1.7
20
30
SCM1246MF
Heatsink Pad
10 pieces per tube
600
1.7
30
45
Absolute Maximum Ratings
, valid at TA = 25°C
Characteristic
Symbol
Remarks
Rating
Units
Supply Voltage
VDC
Between VBB and LS1, LS2, and LS3
450
V
Supply Voltage (Surge)
VDC(surge) Between VBB and LS1, LS2, and LS3
500
V
IGBT Breakdown Voltage
VCES
VCC = 15 V, IC = 1 mA, VIN = 0 V
600
V
Logic Supply Voltage
VCC
Between VCC and COM
20
V
Boot-strap Voltage
VBS
Between VB and HS (U,V,W)
20
V
Output Current, Continuous
IO
SCM1241M
TCase = 25°C
10
Adc
SCM1243MF
TCase = 25°C
15
Adc
SCM1245MF
TCase = 25°C
20
Adc
SCM1246MF
TCase = 25°C
30
Adc
Output Current, Pulsed
IOP
SCM1241M
Pulse Width ≤ 1 ms
20
A
SCM1243MF
Pulse Width ≤ 1 ms
30
A
SCM1245MF
Pulse Width ≤ 1 ms
30
A
SCM1246MF
Pulse Width ≤ 1 ms
45
A
Input Voltage
VIN
HIN, LIN, and OCP
–0.5 to 7
V
¯F¯¯¯O¯ Terminal Voltage
VFO
Between ¯F¯¯¯O¯ and COM
7
V
Thermal Resistance, Junction-to-Case
R(j-c)Q
SCM1241M
1 element operation (IGBT)
6.0
°C/W
SCM1243MF
SCM1245MF
SCM1246MF
3.0
°C/W
R(j-c)F
SCM1241M
1 element operation (FRD)
6.5
°C/W
SCM1243MF
SCM1245MF
SCM1246M
4.0
°C/W
Case Operating Temperature
TOPC
–20 to 100
°C
Junction Temperature (IGBT)
TJ
150
°C
Storage Temperature
Tstg
–40 to 150
°C
Isolation Voltage
Viso
Between exposed thermal pad and each pin; 1 minute, ac
2000
Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com