Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303RC Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32F303RC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303RC Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32F303RC Datasheet HTML 97Page - STMicroelectronics STM32F303RC Datasheet HTML 98Page - STMicroelectronics STM32F303RC Datasheet HTML 99Page - STMicroelectronics STM32F303RC Datasheet HTML 100Page - STMicroelectronics STM32F303RC Datasheet HTML 101Page - STMicroelectronics STM32F303RC Datasheet HTML 102Page - STMicroelectronics STM32F303RC Datasheet HTML 103Page - STMicroelectronics STM32F303RC Datasheet HTML 104Page - STMicroelectronics STM32F303RC Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 133 page
background image
STM32F302xx/STM32F303xx
Electrical characteristics
Doc ID 023353 Rev 5
101/133
Figure 29. I2S slave timing diagram (Philips protocol)(1)
1.
Measurement points are done at 0.5VDD and with external CL=30 pF
2.
LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first
byte.
tsu(SD_MR)
(1)
Data input setup time
Master receiver
9
ns
tsu(SD_SR)
(1)
Data input setup time
Slave receiver
2
th(SD_MR)
(1)
Data input hold time
Master receiver
0
th(SD_SR)
(1)
Slave receiver
0
tv(SD_ST)
(1)
Data output valid time
Slave transmitter
(after enable edge)
29
th(SD_ST)
(1)
Data output hold time
Slave transmitter
(after enable edge)
12
tv(SD_MT)
(1)
Data output valid time
Master transmitter
(after enable edge)
3
th(SD_MT)
(1)
Data output hold time
Master transmitter
(after enable edge)
2
1.
Data based on characterization results, not tested in production.
Table 62.
I2S characteristics (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
CPOL = 0
CPOL = 1
tc(CK)
WS input
SDtransmit
SDreceive
tw(CKH)
tw(CKL)
tsu(WS)
tv(SD_ST)
th(SD_ST)
th(WS)
tsu(SD_SR)
th(SD_SR)
MSB receive
Bitn receive
LSB receive
MSB transmit
Bitn transmit
LSB transmit
ai14881b
LSB receive(2)
LSB transmit(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com