Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303RC Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32F303RC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303RC Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32F303RC Datasheet HTML 96Page - STMicroelectronics STM32F303RC Datasheet HTML 97Page - STMicroelectronics STM32F303RC Datasheet HTML 98Page - STMicroelectronics STM32F303RC Datasheet HTML 99Page - STMicroelectronics STM32F303RC Datasheet HTML 100Page - STMicroelectronics STM32F303RC Datasheet HTML 101Page - STMicroelectronics STM32F303RC Datasheet HTML 102Page - STMicroelectronics STM32F303RC Datasheet HTML 103Page - STMicroelectronics STM32F303RC Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 133 page
background image
Electrical characteristics
STM32F302xx/STM32F303xx
100/133
Doc ID 023353 Rev 5
Figure 28.
SPI timing diagram - master mode(1)
1.
Measurement points are done at 0.5VDD and with external CL = 30 pF.
Table 62.
I2S characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
fCK
1/tc(CK)
(1)
I2S clock frequency
Master data: 16 bits,
audio freq=48 kHz
1.496
1.503
MHz
Slave
0
12.288
tr(CK)
tf(CK)
(1)
I2S clock rise and fall
time
Capacitive load
CL =30pF
-8
ns
tw(CKH)
(1)
I2S clock high time
Master fPCLK= 36 MHz,
audio frequency =
48 kHz
331
-
tw(CKL)
(1)
I2S clock low time
332
-
tv(WS)
(1)
WS valid time
Master mode
4
-
th(WS)
(1)
WS hold time
Master mode
4
-
tsu(WS)
(1)
WS setup time
Slave mode
4
-
th(WS)
(1)
WS hold time
Slave mode
0
-
Duty Cycle(1)
I2S slave input clock
duty cycle
Slave mode
30
70
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com