Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303RC Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32F303RC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303RC Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32F303RC Datasheet HTML 18Page - STMicroelectronics STM32F303RC Datasheet HTML 19Page - STMicroelectronics STM32F303RC Datasheet HTML 20Page - STMicroelectronics STM32F303RC Datasheet HTML 21Page - STMicroelectronics STM32F303RC Datasheet HTML 22Page - STMicroelectronics STM32F303RC Datasheet HTML 23Page - STMicroelectronics STM32F303RC Datasheet HTML 24Page - STMicroelectronics STM32F303RC Datasheet HTML 25Page - STMicroelectronics STM32F303RC Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 133 page
background image
Functional overview
STM32F302xx/STM32F303xx
22/133
Doc ID 023353 Rev 5
3.13
Digital-to-analog converter (DAC)
Up to two 12-bit buffered DAC channels can be used to convert digital signals into analog
voltage signal outputs. The chosen design structure is composed of integrated resistor
strings and an amplifier in inverting configuration.
This digital interface supports the following features:
●
Up to two DAC output channels on STM32F303xB/STM32F303xC devices
●
8-bit or 10-bit monotonic output
●
Left or right data alignment in 12-bit mode
●
Synchronized update capability on STM32F303xB/STM32F303xC devices
●
Noise-wave generation
●
Triangular-wave generation
●
Dual DAC channel independent or simultaneous conversions on
STM32F303xB/STM32F303xC devices
●
DMA capability (for each channel on STM32F303xB/STM32F303xC devices)
●
External triggers for conversion
3.14
Operational amplifier (OPAMP)
The STM32F302xx/STM32F303xx embeds up to four operational amplifiers with external or
internal follower routing and PGA capability (or even amplifier and filter capability with
external components). When an operational amplifier is selected, an external ADC channel
is used to enable output measurement.
The operational amplifier features:
●
8.2 MHz bandwidth
●
0.5 mA output capability
●
Rail-to-rail input/output
●
In PGA mode, the gain can be programmed to be 2, 4, 8 or 16.
3.15
Fast comparators (COMP)
The STM32F302xx/STM32F303xx devices embed seven fast rail-to-rail comparators with
programmable reference voltage (internal or external), hysteresis and speed (low speed for
low power) and with selectable output polarity.
The reference voltage can be one of the following:
●
External I/O
●
DAC output pin
●
Internal reference voltage or submultiple (1/4, 1/2, 3/4). Refer to Table 26: Embedded
internal reference voltage on page 60 for the value and precision of the internal
reference voltage.
All comparators can wake up from STOP mode, generate interrupts and breaks for the
timers and can be also combined per pair into a window comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com