Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER16LDTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # VIPER16LDTR
Description  Fixed frequency VIPerTM plus family
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER16LDTR Datasheet(HTML) 3 Page - STMicroelectronics

  VIPER16LDTR Datasheet HTML 1Page - STMicroelectronics VIPER16LDTR Datasheet HTML 2Page - STMicroelectronics VIPER16LDTR Datasheet HTML 3Page - STMicroelectronics VIPER16LDTR Datasheet HTML 4Page - STMicroelectronics VIPER16LDTR Datasheet HTML 5Page - STMicroelectronics VIPER16LDTR Datasheet HTML 6Page - STMicroelectronics VIPER16LDTR Datasheet HTML 7Page - STMicroelectronics VIPER16LDTR Datasheet HTML 8Page - STMicroelectronics VIPER16LDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
VIPER16
Block diagram
Doc ID 15232 Rev 5
3/25
1
Block diagram
2
Typical power
Figure 2.
Block diagram
Table 2.
Typical power
Part number
230 VAC
85-265 VAC
Adapter(1)
1.
Typical continuous power in non ventilated enclosed adapter measured at 50 °C ambient.
Open frame(2)
2.
Maximum practical continuous power in an open frame design at 50 °C ambient, with adequate heat
sinking.
Adapter(1)
Open frame(2)
VIPER16
9 W
10 W
5 W
6 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com