Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER16LDTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER16LDTR
Description  Fixed frequency VIPerTM plus family
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER16LDTR Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER16LDTR Datasheet HTML 1Page - STMicroelectronics VIPER16LDTR Datasheet HTML 2Page - STMicroelectronics VIPER16LDTR Datasheet HTML 3Page - STMicroelectronics VIPER16LDTR Datasheet HTML 4Page - STMicroelectronics VIPER16LDTR Datasheet HTML 5Page - STMicroelectronics VIPER16LDTR Datasheet HTML 6Page - STMicroelectronics VIPER16LDTR Datasheet HTML 7Page - STMicroelectronics VIPER16LDTR Datasheet HTML 8Page - STMicroelectronics VIPER16LDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
October 2011
Doc ID 15232 Rev 5
1/25
25
VIPER16
Fixed frequency VIPerTM plus family
Features
■ 800 V avalanche rugged power section
■ PWM operation with frequency jittering for low
EMI
■ Operating frequency:
– 60 kHz for L type
– 115 kHz for H type
■ No need of auxiliary winding for low power
application
■ Standby power < 50 mW at 265 VAC
■ Limiting current with adjustable set point
■ On-board soft-start
■ Safe auto-restart after a fault condition
■ Hysteretic thermal shutdown
Application
■ Replacement of capacitive power supply
■ Auxiliary power supply for appliances,
■ Power metering
■ LED drivers
Description
The device is an off-line converter with an 800 V
avalanche ruggedness power section, a PWM
controller, user defined overcurrent limit,
protection against feedback network
disconnection, hysteretic thermal protection, soft
start up and safe auto restart after any fault
condition. It is able to power itself directly from the
rectified mains, eliminating the need for an
auxiliary bias winding.
Advance frequency jittering reduces EMI filter
cost. Burst mode operation and the devices very
low consumption both help to meet the standard
set by energy saving regulations.
Figure 1.
Typical application
DIP-7
SO-16
SO16 narrow
Table 1.
Device summary
Order codes
Package
Packaging
VIPER16LN
DIP-7
Tube
VIPER16HN
VIPER16HD
SO16 narrow
Tube
VIPER16HDTR
Tape and reel
VIPER16LD
Tube
VIPER16LDTR
Tape and reel
www.st.com


Similar Part No. - VIPER16LDTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER16LDTR STMICROELECTRONICS-VIPER16LDTR Datasheet
1Mb / 30P
Fixed frequency VIPer™ plus family
13-Jun-2014
More results

Similar Description - VIPER16LDTR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1529DR-00A MPS-EV1529DR-00A Datasheet
202Kb / 4P
Fixed Frequency Step-Up Converter LCD Backlight Plus Flash Evaluation Board
MP1529 MPS-MP1529 Datasheet
306Kb / 11P
Fixed Frequency Step-Up Converter LCD Backlight Plus Flash
logo
STMicroelectronics
VIPER26 STMICROELECTRONICS-VIPER26 Datasheet
815Kb / 25P
Fixed frequency VIPerTM plus family
01-Sep-2010
VIPER16LN STMICROELECTRONICS-VIPER16LN Datasheet
752Kb / 25P
Fixed frequency VIPerTM plus family
10-Oct-2011
VIPER06LSTR STMICROELECTRONICS-VIPER06LSTR Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
VIPER37HE STMICROELECTRONICS-VIPER37HE Datasheet
2Mb / 35P
VIPerPlus family: fixed frequency offline converter
17-Feb-2012
VIPER06 STMICROELECTRONICS-VIPER06 Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
logo
Analog Devices
HMC650 AD-HMC650 Datasheet
476Kb / 8P
WIDEBAND FIXED ATTENUATOR FAMILY
logo
STMicroelectronics
STEVAL-ISA137V1 STMICROELECTRONICS-STEVAL-ISA137V1 Datasheet
152Kb / 4P
Demonstration board based on VIPer06 from the fixed-frequency VIPer™ plus family
June 2013 Rev 1
VIPER16 STMICROELECTRONICS-VIPER16 Datasheet
1Mb / 30P
Fixed frequency VIPer™ plus family
13-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com