Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER28LE Datasheet(PDF) 16 Page - STMicroelectronics

Part # VIPER28LE
Description  Off-line high voltage converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER28LE Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VIPER28LE Datasheet HTML 12Page - STMicroelectronics VIPER28LE Datasheet HTML 13Page - STMicroelectronics VIPER28LE Datasheet HTML 14Page - STMicroelectronics VIPER28LE Datasheet HTML 15Page - STMicroelectronics VIPER28LE Datasheet HTML 16Page - STMicroelectronics VIPER28LE Datasheet HTML 17Page - STMicroelectronics VIPER28LE Datasheet HTML 18Page - STMicroelectronics VIPER28LE Datasheet HTML 19Page - STMicroelectronics VIPER28LE Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Operation descriptions
VIPER28
16/32
Doc ID 15028 Rev 5
Figure 19.
Timing diagram: normal power-up and power-down sequences
Figure 20.
Soft-start: timing diagram
I
DD
V
DD
V
DRAIN
V
DDon
time
V
IN
V
DRAIN_START
Power-on
Power-off
Normal operation
regulation is lost here
V
IN < VDRAIN_START
HV startup is no more activated
V
DDoff
V
DD(RESTART)
I
DDch (3mA)
time
time
time
VFB
VFBlin
VFBolp
IDRAIN
IDlim
VOUT
t
t
TOLP-delay
t
tSS (soft start)
Regulated value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com