Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER28LE Datasheet(PDF) 24 Page - STMicroelectronics

Part # VIPER28LE
Description  Off-line high voltage converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER28LE Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VIPER28LE Datasheet HTML 20Page - STMicroelectronics VIPER28LE Datasheet HTML 21Page - STMicroelectronics VIPER28LE Datasheet HTML 22Page - STMicroelectronics VIPER28LE Datasheet HTML 23Page - STMicroelectronics VIPER28LE Datasheet HTML 24Page - STMicroelectronics VIPER28LE Datasheet HTML 25Page - STMicroelectronics VIPER28LE Datasheet HTML 26Page - STMicroelectronics VIPER28LE Datasheet HTML 27Page - STMicroelectronics VIPER28LE Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Operation descriptions
VIPER28
24/32
Doc ID 15028 Rev 5
7.12
Extra power management function (EPT)
Some applications need an extra power for a limited time window during which the converter
regulation has to be guaranteed. The extra power management function allows to design a
converter that can satisfy this request and is provided by the EPT pin, see
Table 8 on
page 8.
This function requires the use of a capacitor on EPT pin (CEPT) that is charged or
discharged by means of a 5 µA current cycle by cycle. When the drain current raises over
85% of Idlim value, see IDLIM_EPT (Table 8 on page 7), the current generator charges CEPT
while when the drain current is below IDLIM_EPT discharges the capacitor. If CEPT ‘s voltage
reaches the VEPT threshold (typical, 4 V), the converter is shut down.
After the converter shut down, the VDD voltage will drop below the VDD(ON) start up
threshold (typ. 14.5 V) and according to the auto restart operation
(see
Section 7.5 on page 17) the VDD pin voltage have to fall below the VDD(RESTART)
threshold (typical, 4.5 V) in order to charge again the VDD capacitor. Moreover the PWM
operation is enabled again only when the voltage on EPT pin, drop below the VEPT(RESTART)
(typical, 0.6 V). The low CEPT discharge current in combination with its low restart threshold,
ensures safe operations and avoids overheating in case of repeated overload events. The
value of CEPT has to be selected in order to prevent the device overheating. The EPT pin
can be connected to GND if the function is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com