Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7182ACPZ-5.0-R7 Datasheet(PDF) 5 Page - Anachip Corp

Part # ADP7182ACPZ-5.0-R7
Description  ??8 V, ??00 mA, Low Noise, Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ADP7182ACPZ-5.0-R7 Datasheet(HTML) 5 Page - Anachip Corp

  ADP7182ACPZ-5.0-R7 Datasheet HTML 1Page - Anachip Corp ADP7182ACPZ-5.0-R7 Datasheet HTML 2Page - Anachip Corp ADP7182ACPZ-5.0-R7 Datasheet HTML 3Page - Anachip Corp ADP7182ACPZ-5.0-R7 Datasheet HTML 4Page - Anachip Corp ADP7182ACPZ-5.0-R7 Datasheet HTML 5Page - Anachip Corp ADP7182ACPZ-5.0-R7 Datasheet HTML 6Page - Anachip Corp ADP7182ACPZ-5.0-R7 Datasheet HTML 7Page - Anachip Corp ADP7182ACPZ-5.0-R7 Datasheet HTML 8Page - Anachip Corp ADP7182ACPZ-5.0-R7 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADP7182
Rev. A | Page 5 of 28
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VIN to GND
+0.3 V to −30 V
VOUT to GND
0.3 V to VIN
EN to GND
5 V to VIN
EN to VIN
+30 V to −0.3 V
ADJ to GND
+0.3 V to VOUT
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
−40°C to +125°C
Operating Ambient Temperature Range
−40°C to +85°C
Soldering Conditions
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL DATA
Absolute maximum ratings apply individually only, not in
combination. The ADP7182 can be damaged when the junction
temperature limits are exceeded. Monitoring ambient temperature
does not guarantee that junction temperature (TJ) is within the
specified temperature limits. In applications with high power
dissipation and poor thermal resistance, the maximum ambient
temperature may have to be derated.
In applications with moderate power dissipation and low printed
circuit board (PCB) thermal resistance, the maximum ambient
temperature can exceed the maximum limit as long as the junction
temperature is within specification limits. The TJ of the device is
dependent on the ambient temperature (TA), the power dissipation
of the device (PD), and the junction-to-ambient thermal resistance
of the package (θJA).
Maximum TJ is calculated from the TA and PD using the formula
TJ = TA + (PD × θJA)
Junction-to-ambient thermal resistance (θJA) of the package is
based on modeling and calculation using a 4-layer board. The
junction-to-ambient thermal resistance is highly dependent
on the application and board layout. In applications where high
maximum power dissipation exists, close attention to thermal
board design is required. The value of θJA may vary, depending
on PCB material, layout, and environmental conditions. The
specified values of θJA are based on a 4-layer, 4 in. × 3 in. circuit
board. See JESD51-7 and JESD51-9 for detailed information on the
board construction. For additional information, see the AN-617
Application Note , MicroCSP™ Wafer Level Chip Scale Package.
ΨJB is the junction-to-board thermal characterization parameter
with units of °C/W. ΨJB of the package is based on modeling and
calculation using a 4-layer board. The JESD51-12, Guidelines for
Reporting and Using Electronic Package Thermal Information,
states that thermal characterization parameters are not the same
as thermal resistances. ΨJB measures the component power
flowing through multiple thermal paths rather than a single
path as in thermal resistance, θJB. Therefore, ΨJB thermal paths
include convection from the top of the package as well as
radiation from the package, factors that make ΨJB more useful
in real-world applications. Maximum junction temperature is
calculated from the board temperature (TB) and power dissipation
using the formula
TJ = TB + (PD × ΨJB)
See JESD51-8 and JESD51-12 for more detailed information
about ΨJB.
THERMAL RESISTANCE
θJA, θJC, and ΨJB are specified for the worst-case conditions, that is, a
device soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
ΨJB
Unit
8-Lead LFCSP
50.2
31.7
18.2
°C/W
5-Lead TSOT
170
Not applicable
43
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com