Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7182ACPZ-5.0-R7 Datasheet(PDF) 12 Page - Anachip Corp

Part # ADP7182ACPZ-5.0-R7
Description  ??8 V, ??00 mA, Low Noise, Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ADP7182ACPZ-5.0-R7 Datasheet(HTML) 12 Page - Anachip Corp

Back Button ADP7182ACPZ-5.0-R7 Datasheet HTML 8Page - Anachip Corp ADP7182ACPZ-5.0-R7 Datasheet HTML 9Page - Anachip Corp ADP7182ACPZ-5.0-R7 Datasheet HTML 10Page - Anachip Corp ADP7182ACPZ-5.0-R7 Datasheet HTML 11Page - Anachip Corp ADP7182ACPZ-5.0-R7 Datasheet HTML 12Page - Anachip Corp ADP7182ACPZ-5.0-R7 Datasheet HTML 13Page - Anachip Corp ADP7182ACPZ-5.0-R7 Datasheet HTML 14Page - Anachip Corp ADP7182ACPZ-5.0-R7 Datasheet HTML 15Page - Anachip Corp ADP7182ACPZ-5.0-R7 Datasheet HTML 16Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADP7182
Data Sheet
Rev. A | Page 12 of 28
0
–700
–600
–500
–400
–300
–200
–100
–30
–25
–20
–15
–10
–5
0
VIN (V)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 31. Ground Current vs. Input Voltage (VIN), VOUT = −1.8 V
–1.20
–1.21
–1.22
–1.23
–1.24
–1.25
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 32. Output Voltage (VOUT) vs. Junction Temperature (TJ), VOUT = −1.22 V
–1.20
–1.25
–1.24
–1.23
–1.22
–1.21
–200
–150
–100
–50
0
ILOAD (mA)
Figure 33. Output Voltage (VOUT) vs. Load Current (ILOAD), VOUT = −1.22 V
–1.20
–1.22
–1.21
–1.23
–1.24
–1.25
–30
–25
–20
–15
–10
–5
0
VIN (V)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 34. Output Voltage (VOUT) vs. Input Voltage (VIN), VOUT = −1.22 V
0
–700
–600
–500
–400
–300
–200
–100
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 35. Ground Current vs. Junction Temperature (TJ), VOUT = −1.22 V
0
–700
–400
–500
–600
–300
–200
–100
–200
–150
–100
–50
0
ILOAD (mA)
Figure 36. Ground Current vs. Load Current (ILOAD), VOUT = −1.22 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com