Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM36B Datasheet(PDF) 3 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # ZMM36B
Description  SILICON PLANAR ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

ZMM36B Datasheet(HTML) 3 Page - Gaomi Xinghe Electronics Co., Ltd.

  ZMM36B Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. ZMM36B Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. ZMM36B Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. ZMM36B Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. ZMM36B Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd. ZMM36B Datasheet HTML 6Page - Gaomi Xinghe Electronics Co., Ltd. ZMM36B Datasheet HTML 7Page - Gaomi Xinghe Electronics Co., Ltd. ZMM36B Datasheet HTML 8Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZMM1B...ZMM200B
0
0
10
20
Vz
40
30
ZMM36B
ZMM15B
Test current Iz
5mA
10
20
Iz
ZMM12B
Breakdown characteristics
Tj = constant (pulsed)
mA
30
0
01
ZMM10B
24
3
ZMM27B
ZMM18B
ZMM22B
ZMM33B
57
6
Vz
Tj=25 C
ZMM...
o
810
9
ZMM3B3
ZMM3B9
Test current Iz
5mA
20
10
30
Breakdown characteristics
Tj = constant (pulsed)
Iz
40
50
mA
ZMM1B
o
Tj=25 C
ZMM2B7
ZMM8B2
ZMM5B6
ZMM6B8
ZMM4B7
ZMM...
V
V
XINGHE ELECTRONICS
星合电子



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com