Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM36B Datasheet(PDF) 4 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # ZMM36B
Description  SILICON PLANAR ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

ZMM36B Datasheet(HTML) 4 Page - Gaomi Xinghe Electronics Co., Ltd.

  ZMM36B Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. ZMM36B Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. ZMM36B Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. ZMM36B Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. ZMM36B Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd. ZMM36B Datasheet HTML 6Page - Gaomi Xinghe Electronics Co., Ltd. ZMM36B Datasheet HTML 7Page - Gaomi Xinghe Electronics Co., Ltd. ZMM36B Datasheet HTML 8Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZMM1B...ZMM200B
6
100
Admissible power dissipation
versus ambient temperature
Valid provided that electrodes are kept
at ambient temperature.
2
10
-3
0
-4
10
-5
10
10
-2
10
-1
10
i F
10
1
3
10
mA
0.6
0.4
0.2
VF
1 V
0.8
Tj=25 C
Tj=100 C
o
o
0
0
100
100
Tamb
200
Ptot
300
400
40
30
20
010
Forward characteristics
ZMM...
0
2
4
90
70
80
60
50
500
mW
Vz
o
200 C
V
ZMM...
Breakdown characteristics
Tj = constant (pulsed)
Test current Iz
5mA
Iz
8
10
mA
ZMM43B
ZMM39B
ZMM51B
ZMM...
Tj=25 C
o
ZMM47B
XINGHE ELECTRONICS
星合电子



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com