Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLF2012A2R2K Datasheet(PDF) 3 Page - TDK Electronics

Part # MLF2012A2R2K
Description  Inductors for Standard Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF2012A2R2K Datasheet(HTML) 3 Page - TDK Electronics

  MLF2012A2R2K Datasheet HTML 1Page - TDK Electronics MLF2012A2R2K Datasheet HTML 2Page - TDK Electronics MLF2012A2R2K Datasheet HTML 3Page - TDK Electronics MLF2012A2R2K Datasheet HTML 4Page - TDK Electronics MLF2012A2R2K Datasheet HTML 5Page - TDK Electronics MLF2012A2R2K Datasheet HTML 6Page - TDK Electronics MLF2012A2R2K Datasheet HTML 7Page - TDK Electronics MLF2012A2R2K Datasheet HTML 8Page - TDK Electronics MLF2012A2R2K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
• All specifications are subject to change without notice.
(2/9)
001-05 / 20111129 / e511_mlf_02
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
Q vs. FREQUENCY CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
Inductance
(µH)
Inductance
tolerance
Test
frequency
L, Q (MHz)
Test
current
L, Q (mA)
Q min.
Self-resonant
frequency
(MHz)min.
DC resistance
(
Ω )max.
Rated current
(mA)max.
Part No.
0.1
±10%
25
1.0
10
450
0.51
150
MLF1005LR10KT
0.12
±10%
25
1.0
10
400
0.59
140
MLF1005LR12KT
0.15
±10%
25
1.0
10
350
0.63
130
MLF1005LR15KT
0.18
±10%
25
1.0
10
320
0.76
120
MLF1005LR18KT
0.22
±10%
25
1.0
10
290
0.79
110
MLF1005LR22KT
0.27
±10%
25
1.0
10
260
0.91
100
MLF1005LR27KT
0.33
±10%
25
1.0
10
230
1.05
90
MLF1005LR33KT
0.39
±10%
10
1.0
25
210
0.41
50
MLF1005LR39KT
0.47
±10%
10
1.0
25
190
0.42
50
MLF1005LR47KT
0.56
±10%
10
1.0
25
170
0.47
45
MLF1005LR56KT
0.68
±10%
10
1.0
25
150
0.55
40
MLF1005LR68KT
0.82
±10%
10
1.0
25
130
0.59
35
MLF1005LR82KT
1.0
±10%
10
1.0
25
120
0.64
35
MLF1005L1R0KT
1.2
±10%
10
1.0
25
110
0.79
35
MLF1005L1R2KT
1.5
±10%
10
1.0
25
100
0.95
30
MLF1005L1R5KT
1.8
±10%
10
1.0
25
90
1.05
20
MLF1005L1R8KT
2.2
±10%
10
1.0
25
80
1.15
15
MLF1005L2R2KT
0.1min.
0.1min.
1.0±0.05
Weight : 1.2mg
Dimensions in mm
0.4
0.5
0.5
1
0.01
10
0.1
1
Frequency(MHz)
2.2
µH
0.1
µH
0.33
µH
1.0
µH
10
100
1000
1
0
10
100
1000
Frequency(MHz)
2.2
µH
1.0
µH
0.1
µH
0.33
µH
10
20
30
40
50
70
60
1
1
10000
1000
10
100
Frequency(MHz)
2.2
µH
0.1
µH
0.33
µH
1.0
µH
10
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com