Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLF2012A2R2K Datasheet(PDF) 7 Page - TDK Electronics

Part # MLF2012A2R2K
Description  Inductors for Standard Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF2012A2R2K Datasheet(HTML) 7 Page - TDK Electronics

Back Button MLF2012A2R2K Datasheet HTML 2Page - TDK Electronics MLF2012A2R2K Datasheet HTML 3Page - TDK Electronics MLF2012A2R2K Datasheet HTML 4Page - TDK Electronics MLF2012A2R2K Datasheet HTML 5Page - TDK Electronics MLF2012A2R2K Datasheet HTML 6Page - TDK Electronics MLF2012A2R2K Datasheet HTML 7Page - TDK Electronics MLF2012A2R2K Datasheet HTML 8Page - TDK Electronics MLF2012A2R2K Datasheet HTML 9Page - TDK Electronics MLF2012A2R2K Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
• All specifications are subject to change without notice.
(6/9)
001-05 / 20111129 / e511_mlf_02
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
INDUCTANCE CHANGE vs. TEMPERATURE
CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
Q vs. FREQUENCY CHARACTERISTICS
PACKAGING STYLES
REEL DIMENSIONS
TAPE DIMENSIONS
100
10
1
0.1
0.01
1
5
10
50 100
500 1000
DC current(mA)
22
µH
8.2
µH
1
µH
0.068
µH
0
–5
–10
25
50
85
Temperature(˚C)
0
–25
10
5
22
µH
0.68
µH
8.2
µH
1
µH
1
µH
8.2
µH
0.68
µH
22
µH
22
µH
8.2
µH
1
µH
0.68
µH
100
10
1
0.1
0.01
1
5
10
50 100
500 1000
Frequency(MHz)
22
µH
8.2
µH
1
µH
0.68
µH
80
60
40
20
0
0.1
0.5 1
5 10
50 100
500 1000
Frequency(MHz)
1.0
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
14.4max.
Dimensions in mm
8.4
+2.0
–0.0
1.1max.
1.1
±0.2
4.0
±0.1
4.0
±0.1
2.0
±0.05
1.5
+0.1
–0.0
Sprocket hole
Cavity
160min.
Taping
200min.
300min.
Drawing direction
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com