Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2310 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM2310
Description  2A Low Noise Step-Down DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2310 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM2310 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum
ratings for prolonged time periods may affect device reliability. All voltages are with respect to ground.
In p ut Vo lta ge V . .. .. .. .. .. .. .. ... .. .. .. .. .. .. ... .. .. .6 V
EN Pin Voltage....................................-
I N
SW Pin Voltage......................-0.3V to (V +0.3V)
FB Pin Voltage.........................-0.3V to (V +0.3V)
0.3V to 6V
Maximum Junction Temperature..................150°C
Storage Temperature Range...........-65°C to 150°C
Soldering Temperature.......................300°C, 5sec
IN
IN
Recommended Operating Conditions
Supply Voltage..................................2.7V to 5.5V
°C
°C
°C
°C
Junction Temperature Range..........-40
to 125
Ambient Temperature Range...........-40
to 85
Thermal Information
Parameter
Symbol
Package
Maximum
Unit
Thermal Resistance (Junction to Ambient)
θJA
SOP-8
90
°C/W
Thermal Resistance (Junction to Case)
θ
JC
SOP-8
11
°C/W
Internal Power Diss ipation (@TA=25°C)
PD
SOP-8
1100
mW
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2310
2A Low Noise Step-Down DC-DC Converter
Name
Pin Number
Function
NC
1
No Connected
VIN
2
Bias supply. Chip main power supply pin
SW
3
The drains of the internal main and synchronous power MOSFET.
GND
4
GND
FB
5
Feedback voltage to internal error amplifier, the threshold voltage is 0.6V.
NC
6
No Connected
E N
7
Enable control input. Force this pin voltage above 1.5V, enables the chip, and
below 0.3V shuts down t he device.
NC
8
No Connected
Pin Description
05/2011 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com