Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2310 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM2310
Description  2A Low Noise Step-Down DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2310 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM2310 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2310
2A Low Noise Step-Down DC-DC Converter
Efficiency vs Output Current (
)
Vo=1.8V
Efficiency vs Output Current(Vo=3.3V)
Efficiency vs Output Current (Vo=1.2V)
Efficiency vs Input Voltage (Vo=1.2V)
Typical Performance Characteristics
°C
T =25
, C =22uF,Co=22 F, unless otherwise noted.
A
IN
μ
05/2011 Rev1.0
.
40
50
60
70
80
90
100
1
10
100
1000
10000
Output Current(mA)
Vin=3.6V
Vin=5.0V
Vin=5.5V
40
50
60
70
80
90
100
1
10
100
1000
10000
Output Current(mA)
Vin=3.6V
Vin=5.0V
Vin=5.5V
60
65
70
75
80
85
90
95
100
1
10
100
1000
10000
O utput C u rrent(mA)
Vin=4.5V
Vin=5.0V
Vin=5.5V
Efficiency vs Input Voltage (Vo=1.8V)
60
65
70
75
80
85
90
95
2.0
3.0
4.0
5.0
6.0
Input Voltage(V)
Io=100mA
Io=1000mA
Io=2000mA
Efficiency vs Input Voltage (Vo=3.3V)
65
70
75
80
85
90
95
1 00
2.0
3.0
4.0
5.0
6.0
Input Voltage(V)
Io= 100mA
Io= 1000mA
Io= 2000mA
65
70
75
80
85
90
95
100
4.0
4.5
5.0
5.5
6.0
Input Voltage(V )
Io=100mA
Io=1000mA
Io=2000mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com