Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2421 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2421
Description  3A,4.5A,5.5A PWM Step-Up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2421 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2421 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2421 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2421 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2421 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2421 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2421 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2421 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2421 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2421 Datasheet HTML 9Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
Greater than 90% Efficiency
Adjustable Output Voltage Up to 24V
Internal 24V Power MOSFET
520kHz Frequency
Built-in Over-Voltage Protection (OVP)
Open Protection
Programmable Soft-Start Function
Thermal Shutdown
Peak Current 3A,4.5A,5.5A
s
Under-Voltage-Lockout
Over-Current Protection
SOP-8(EP) Package
TFT LCD Monitors
Battery-Powered Equipment
Set-Top Boxes
DSL and Cable Modems and Routers
Th e
u t ilize s sim p le e x t e rn a l lo o p
co mpe nsation allow ing opt im ization b etwe en
component size, cost, and AC performance across
a wide range of applications. Additional functions
include an externally programmable soft-start
function for easy inrush current control, internal
o ve r-vo lt a g e p r ot e ct io n (OVP) ,c ycle -b y- cyc le
current limit protection, under voltage lock-out and
thermal shutdown.
The PAM242x is available in the small SOP-8(EP)
package.
n
n
n
Applications
General Description
n
n
The PAM242x devices are high-performance,fixed
frequency, current-mode PWM step-up DC/DC
c o n v e r t e r t h a t i n c o r p o r a t e i n t e r n a l p o w e r
MOSFETs. The PAM242x includes an integrated
power MOSFET that supports peak currents of up
to 3A/4.5A/5.5A.
PAM 2 4 2 x
n
n
n
n
n
n
n
n
n
n
n
Typical Application
PAM2421,PAM2422,PAM2423
3A,4.5A,5.5A PWM Step-Up DC/DC Converter
1
www.poweranalog.com
,
Power Analog Microelectronics Inc
02/2012 Rev1.1
PAM242x
AGND
VIN
SW
SS
COMP
PGND
EN
FB
C3
L1
6.8 H
μ
1
μF
SS34
C2
10
μF
C6
47pF
R3
51k
C7
2.2nF
C8
10nF
R1
R2
C4
10uF
VIN
VOUT
3.6V~5.5V
12V/800mA
85k
10k
C1
470
μF
C5
470uF


Similar Part No. - PAM2421

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
PWM STEP-UP DC-DC CONVERTER
Rev 2
PAM2421AECADJR DIODES-PAM2421AECADJR Datasheet
561Kb / 10P
PWM STEP-UP DC-DC CONVERTER
Rev 2
More results

Similar Description - PAM2421

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
PWM STEP-UP DC/DC CONVERTER
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
PWM Step-Up DC-DC Converter
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
STEP-UP PWM DC/DC Converter
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
STEP-UP PWM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM612DA ELM-TECH-ELM612DA_17 Datasheet
1Mb / 8P
3A 36V PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
PWM STEP-UP DC-DC CONVERTER
Rev 2
logo
Richtek Technology Corp...
RT8509 RICHTEK-RT8509 Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
PWM Step-Up DC-DC Converter
logo
AiT Semiconductor Inc.
A7545 AITSEMI-A7545 Datasheet
448Kb / 8P
DC-DC CONVERTER/BOOST (STEP-UP) LOW-NOISE 4.5A STEP-UP CURRENT MODE PWM CONVERTER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com