Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2811DACR Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM2811DACR
Description  4-Channel Single-Wire Dimming LED Drive with Ultra Low Dropout Current Sink
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2811DACR Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM2811DACR Datasheet HTML 2Page - Power Analog Micoelectronics PAM2811DACR Datasheet HTML 3Page - Power Analog Micoelectronics PAM2811DACR Datasheet HTML 4Page - Power Analog Micoelectronics PAM2811DACR Datasheet HTML 5Page - Power Analog Micoelectronics PAM2811DACR Datasheet HTML 6Page - Power Analog Micoelectronics PAM2811DACR Datasheet HTML 7Page - Power Analog Micoelectronics PAM2811DACR Datasheet HTML 8Page - Power Analog Micoelectronics PAM2811DACR Datasheet HTML 9Page - Power Analog Micoelectronics PAM2811DACR Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Performance Characteristics
V =5.0V,T =25°C, unless otherwise noted.
IN
A
PAM2811
4-Channel Single-Wire Dimming LED Drive with
Ultra Low Dropout Current Sink
LED Current VS LED Pin Voltage
LED Current VS Input Voltage
Efficiency VS Input Voltage
LED Current VS EN Steps
0
5
10
15
20
25
22.5
33.5
44.5
55.5
Input Voltage(V)
0
5
10
15
20
25
0
0.2
0.4
0.6
0.8
1
LED Pin Voltage(V)
0
5
10
15
20
25
123
45678
9 10 11 12 13 14 15 16
EN Steps
0
10
20
30
40
50
60
70
80
90
100
2.53
3.544.5
5
5.5
Input Voltage(V)
03/2010 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com