Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2811DACR Datasheet(PDF) 12 Page - Power Analog Micoelectronics

Part # PAM2811DACR
Description  4-Channel Single-Wire Dimming LED Drive with Ultra Low Dropout Current Sink
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2811DACR Datasheet(HTML) 12 Page - Power Analog Micoelectronics

Back Button PAM2811DACR Datasheet HTML 4Page - Power Analog Micoelectronics PAM2811DACR Datasheet HTML 5Page - Power Analog Micoelectronics PAM2811DACR Datasheet HTML 6Page - Power Analog Micoelectronics PAM2811DACR Datasheet HTML 7Page - Power Analog Micoelectronics PAM2811DACR Datasheet HTML 8Page - Power Analog Micoelectronics PAM2811DACR Datasheet HTML 9Page - Power Analog Micoelectronics PAM2811DACR Datasheet HTML 10Page - Power Analog Micoelectronics PAM2811DACR Datasheet HTML 11Page - Power Analog Micoelectronics PAM2811DACR Datasheet HTML 12Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2811
4-Channel Single-Wire Dimming LED Drive with
Ultra Low Dropout Current Sink
Outline Dimensions
DFN 2x2
PLANE
SEATING
008
.
C
8
B
C
4
INDEX AREA
(/
/)
D2xE 2
(/
/)
D2xE2
4
INDEX AREA
TOP VIEW
9
SIDE VIEW
BOTTOM VIEW
Pin 1 ID
#
D
e
Nxb
D2
8
050
.
2X2
Body
Size
Lead
Pitch
e
( )
Count
Lead
Summary Table
R0 20
.
Pin
1 ID
#
SYMBOL
MIN
NOM
MAX
A1
000
.0 02
.0 05
.
A
070
.0 75
.0 80
.
COMMON DIMENSION
N8
040
.
030
.
020
.
NOM
L
MAX
MIN
E BSC
MIN
NOM
MAX
b
030
.
025
.
018
.
200
.
200
.
D BSC
130
.
MAX
NOM
D2
1 20
.
105
.
MIN
MAX
NOM
E2
MIN
060
.
070
.
045
.
Unit: Millimeters
03/2010 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com