Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3116 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM3116
Description  1.5A Low Dropout Voltage CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3116 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM3116 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Recommended Operating Conditions
Thermal Information
3
www.poweranalog.com
,
Power Analog Microelectronics Inc
PAM3116
Input Voltage...............................................6.5V
Output Pin Voltage
-0.3V to V +0.3V
Maximum Output Current......................P /(V -V )
Storage Temperature
65
to 150
Maximum Junction Temperature
150
IN
D
IN
O
....................
EN, ADJ, OUTPUT SENSE Pin Voltage................
.................................................-0.3V to V +0.3V
....................-
..................
Lead Soldering Temperature (5sec)........... 300
IN
°
°
°
°
C
C
C
C
Maximum Supply Voltage..............................6V
Junction Temperature Range........-40
to 125
°
°
°
°
C
C
Ambient Temperature Range...........-40 C to 85 C
1.5A Low Dropout Voltage CMOS Regulator
10/2011 Rev1.0
Param eter
Symbol
Package
Maximum
Unit
Thermal Res istance
(Junction to Case)
θJC
SOP-8
11
°C/W
Thermal Res istance
(Junction to Ambient)
θ
J A
SOP-8
90
°C/W
Internal Power Dissipation
PD
SOP-8
1100
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com