Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3116 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM3116
Description  1.5A Low Dropout Voltage CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3116 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM3116 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 11Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PAM3116
8
www.poweranalog.com
,
Power Analog Microelectronics Inc
The PAM3116 fa mily of low-drop ou t (L DO)
regulators have several features that allow them
to apply to a wide range of applications. The
family operates with very low input voltage and
low dropout voltage (typically 300mV at full load),
making it an efficient stand-alone power supply or
post regulator for battery or switch mode power
supplies. The 1.5A output current make the
PAM3116 family suitable for powering many
m i c r o p r o c e s s o r s a n d F P G A s u p p l i e s . T h e
PAM3116 family also has low output noise
(typically 50µVRMS with 4.7µF output capacitor),
making it ideal for use in telecom equipment.
A 4.7µF or larger ceramic input bypass capacitor,
connected between V
and GND and located
close to the PAM3116, is required for stability. A
4.7 F minimum value capacitor from V to GND is
also required. To improve transient response,
noise rejection, and ripple rejection, an additional
1 0 µF
o r
l a r g e r ,
l o w
E S R
c a p a c i t o r
i s
recommended at the output. A higher-value, low
ESR output capacitor may be necessary if large,
fast-rise-time load transients are anticipated and
the device is located several inches from the
power source, especially if the minimum input
voltage of 2.5 V is used.
The PAM3116 features internal current limiting,
thermal protection and short circuit protection.
During normal operation, the PAM3116 limits
output current to about 2.5A. When current
limiting engages, the output voltage scales back
linearly until the over current condition ends.
While current limiting is designed to pr event
gross device failure, care should be taken not to
exceed the power dissipation ratings of the
pa ckag e. If th e tem perat ure of th e device
exceeds 150°C, thermal-protection circuitry will
shut down. Once the device has cooled down to
approximately 40°C below the high temp trip
point, regulator operation resumes. The short
circuit current of the PAM3116 is about 0.7A when
its output pin is shorted to ground.
The amount of heat that an LDO linear regulator
generates is:
P =(V -V )I .
All integrated circuits have a maximum allowable
junction temperature (T
max) above which
normal operation is not assured. A system
designer must design the operating environment
so that the operating junction temperature (T )
d o e s
n o t
e x c e e d t h e
m a x i m u m j u n c t i o n
t e m p e r a t u r e
( T
m a x ) .
T h e
t w o
m a i n
environmental variables that a designer can use
to improve thermal performance are air flow and
e x t e r n a l h e a t s i n k s . T h e p u r p o s e
o f t h i s
information is to aid the designer in determining
the proper operating environment for a linear
regulator that is operating at a specific power
level.
I n g e n e r a l , t h e m a x im u m e x p e c t e d p o w e r
(P (max)) consumed by a linear regulator is
computed as:
Where:
V
is the average input voltage.
V
is the average output voltage.
I
is the average output current.
I
is the quiescent current.
For most LDO regulators, the quiescent current is
insignificant compared to the average output
current; therefore, the term V
xI
can be
neglected. The operating junction temperature is
computed by adding the ambient temperature (T )
and the increase in temperature due to the
regulator' s power dissipation. The temperature
rise is computed by multiplying the maximum
expected power dissipation by the sum of the
thermal resistances between the junction and the
case R
), the case to heatsink (R
), and the
heatsink to ambient (R
). Thermal resistances
are measures of how effectively an object
dissipates heat. Typically, the larger the device,
the more surface area available for power
dissipation so that the object’
s thermal resistance
will be lower.
External Capacitor Requirements
Regulator Protection
Thermal Information
IN
O
D
IN
O
O
J
J
J
D
I (avg)
O(avg)
O(avg)
(Q)
I(avg)
(Q)
A
JC
CS
SA
μ
(
l
l
l
l
θ
θ
θ
Application Information
( )
( )
(
) ( ) ( ) ( )
DMAX
I avg
O avg
O avg
I avg
Q
P
= V
-V
×I
+V
×I
1.5A Low Dropout Voltage CMOS Regulator
10/2011 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com