Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ2M-CPU33 Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # CJ2M-CPU33
Description  Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU33 Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button CJ2M-CPU33 Datasheet HTML 14Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 15Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 16Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 17Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 18Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 19Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 20Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 21Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
CJ2M-CPU3
@/-CPU1@/-MD21@
18
High-speed Counter Input Specifications (IN06 to IN09 and IN16 to IN19)
24-VDC input
Line driver input
Set to 60 kHz
Set to 100 kHz
Phase Z/reset input
50%
OFF
ON
T1
T2
50%
OFF
ON
50%
OFF
ON
T3
T4
Phase-A/Phase-B encoder input, Single-phase
60-kHz pulse input with 50% duty ratio
Phase-A/Phase-B encoder inputs, Differential
phases, 30 kHz
Changes in phases A and B must be
separated by at least 4.0
μs.
Rise time and fall time: 3.0
μs max.
50%
OFF
ON
T1
T2
50%
OFF
ON
50%
OFF
ON
T3
T4
Encoder input phase A or B, single-phase
60-kHz pulse input with 50% duty ratio
Phase-A/Phase-B encoder inputs, Differential
phases, 30 kHz
Changes in phases A and B must be separated by at least
4.0
μs.
8.3
μs min.
16.6
μs min.
33.3
μs min.
T1, T2, T3, T4: 4.0
μs min.
8.3
μs min.
50%
OFF
ON
T1
T2
50%
OFF
ON
50%
OFF
ON
T3
T4
Phase-A/Phase-B encoder input, Single-phase
100-kHz pulse input with 50% duty ratio
Phase-A/Phase-B encoder inputs, Differential
phases, 50 kHz
Changes in phases A and B must be
separated by at least 2.5
μs.
Rise time and fall time: 2.5
μs max.
2.5
μs max.
2.5
μs max.
50%
OFF
ON
T1
T2
50%
OFF
ON
50%
OFF
ON
T3
T4
Single-phase 100-kHz pulse input with
50% duty ratio
Differential-phase 50-kHz pulse input
Changes in phases A and B must be separated
by at least 2.5
μs.
50%
OFF
ON
Encoder input phase Z (IN02/IN03 or IN12/IN13)
Maintain an ON time of 30
μs min.
and an OFF time of 150
μs min.
50%
OFF
ON
Encoder input phase Z (IN02/IN03 or IN12/IN13)
Maintain an ON time of 30
μs min.
and an OFF time of 150
μs min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com