Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ2M-CPU33 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # CJ2M-CPU33
Description  Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU33 Datasheet(HTML) 3 Page - Omron Electronics LLC

  CJ2M-CPU33 Datasheet HTML 1Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 2Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 3Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 4Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 5Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 6Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 7Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 8Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3
CJ2M-CPU3
@/-CPU1@/-MD21@
Pulse I/O Modules (Only CJ2M CPU Unit with Unit Version 2.0 or Later)
Optional Pulse I/O Modules can be mounted to enable pulse I/O. Up to two Pulse I/O Modules can be mounted to the left side of a CJ2M CPU Unit.
Note: Connectors are not provided with Pulse I/O Modules. Purchase the following Connector, an OMRON Cable with Connectors for Connector
Terminal Block Conversion Units, or an OMRON Cable with Connectors for Servo Relay Units.
Connecting to Pulse I/O Modules
On wiring, refer to Pulse I/O Modules Connector Wiring Methods.
Product name
Specifications
Current
consumption (A)
Model
Standards
5 V
24 V
Pulse I/O Modules Sinking outputs, MIL connector
10 inputs (including four interrupt/quickresponse inputs and two high-speed counter inputs)
6 outputs (including two pulse outputs and two PWM outputs)
0.08
---
CJ2M-MD211
UC1, N, L,
CE
Sourcing outputs, MIL connector
10 inputs (including four interrupt/quickresponse inputs and two high-speed counter inputs)
6 outputs (including two pulse outputs and two PWM outputs)
0.08
---
CJ2M-MD212
Product name
Specifications
Model
Standards
Applicable Connector
MIL Flat Cable Connectors (Pressure-fitted Connectors)
XG4M-4030-T
---
Connector-Terminal Block Conversion
Units
Slim type (M3 screw terminals, 40-pin)
XW2D-40G6
---
Through type (M3 screw terminals, 40-pin)
XW2B-40G4
Through type (M3.5 screw terminals, 40-pin)
XW2B-40G5
Cable for Connector-Terminal Block
Conversion Unit
Cable length: 1 m
XW2Z-100K
Cable length: 1.5 m
XW2Z-150K
Cable length: 2 m
XW2Z-200K
Cable length: 3 m
XW2Z-300K
Cable length: 5 m
XW2Z-500K
Servo Relay Units
Servo Relay Unit for 1 axis
XW2B-20J6-8A
---
Servo Relay Unit for 2 axes
XW2B-40J6-9A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com