Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM-358D Datasheet(PDF) 8 Page - STMicroelectronics

Part # LM-358D
Description  Low-power dual operational amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM-358D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LM-358D Datasheet HTML 4Page - STMicroelectronics LM-358D Datasheet HTML 5Page - STMicroelectronics LM-358D Datasheet HTML 6Page - STMicroelectronics LM-358D Datasheet HTML 7Page - STMicroelectronics LM-358D Datasheet HTML 8Page - STMicroelectronics LM-358D Datasheet HTML 9Page - STMicroelectronics LM-358D Datasheet HTML 10Page - STMicroelectronics LM-358D Datasheet HTML 11Page - STMicroelectronics LM-358D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
LM158, LM258, LM358
8/21
Doc ID 2163 Rev 10
Figure 8.
Output voltage vs source current
Figure 9.
Current limiting
+
-
0.001
0.01
0.1
1
10
100
OUTPUT SOURCE CURRENT (mA)
VO
Independent of VCC
VCC/2
IO
8
5
2
1
Tamb = + 25°C
VCC
7
6
4
3
-
+
-55 -35
-15
5
25
45
65
85
105
125
TEMPERATURE °C
IO
90
80
50
40
30
20
10
0
70
60
Figure 10.
Input voltage range
Figure 11.
Open-loop gain
Figure 12.
Supply current
Figure 13.
Input current
Negative
Positive
0
5
10
15
POWER SUPPLY VOLTAGE (±V)
10
5
15
POSITIVE SUPPLY VOLTAGE (V)
0
10
20
30
40
120
40
160
80
RL = 20 k
RL = 2 k
-
+
0
10
20
30
POSITIVE SUPPLY VOLTAGE (V)
mA
VCC
ID
Tamb = 0°C to +125°C
4
3
2
1
Tamb = -55°C
0
10
20
30
POSITIVE SUPPLY VOLTAGE (V)
100
75
50
25
Tamb = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com