Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM-358D Datasheet(PDF) 9 Page - STMicroelectronics

Part # LM-358D
Description  Low-power dual operational amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM-358D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LM-358D Datasheet HTML 5Page - STMicroelectronics LM-358D Datasheet HTML 6Page - STMicroelectronics LM-358D Datasheet HTML 7Page - STMicroelectronics LM-358D Datasheet HTML 8Page - STMicroelectronics LM-358D Datasheet HTML 9Page - STMicroelectronics LM-358D Datasheet HTML 10Page - STMicroelectronics LM-358D Datasheet HTML 11Page - STMicroelectronics LM-358D Datasheet HTML 12Page - STMicroelectronics LM-358D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LM158, LM258, LM358
Electrical characteristics
Doc ID 2163 Rev 10
9/21
Figure 14.
Gain bandwidth product
Figure 15.
Power supply rejection ratio
-55 -35 -15
5
25 45 65 85 105 125
TEMPERATURE (°C)
1.05
0.45
0.3
0.15
VCC = ± 15 V
1.2
0.9
0.75
0.6
1.35
1.5
0
SVR
-55 -35 -15
5
25 45 65 85 105 125
100
80
75
70
105
95
90
85
110
115
65
TEMPERATURE (°C)
60
Figure 16.
Common-mode rejection ratio
Figure 17.
Phase margin vs. capacitive load
-55 -35 -15
5
25 45 65 85 105 125
100
80
75
70
105
95
90
85
110
115
65
TEMPERATURE (°C)
60
Phase Margin at Vcc=15V and Vicm=7.5V
Vs. Iout and Capacitive load value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com