Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB6YA113 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ZB6YA113
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA113 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ZB6YA113 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10
Harmony™ XB6/ZB6
16 mm push buttons
Environmental specifications
Conforming to standards
Marked
IEC 60947-1, IEC 60947-5-1, IEC 60947-5-4,
EN 60947-5-1, JIS C 4520 and 852, UL 508,
CSA C22.2 No. 14, RoHS compliant (Reduction of
Hazardous Substances)
Product certifications
File E164353
File LR 44087
CCN NKCR
Class 3211 03
UL, CSA
ASE, BV, JIS, RINA, LROS, DNV, GL: pending
Protective treatment
standard version
“TC”
Ambient air temperature
around the device
Storage
°C (°F) - 40 to +70 (- 40 to +158)
Operation
°C (°F) - 25 to +70 (-13 to +158)
Vibration resistance
Conforming to IEC 60068-2-6
(2 to 500 Hz) 3 mm peak to peak or 5 gn
Shock resistance
Conforming to IEC 60068-2-27
Half sine wave 18 ms, 30 gn
Half sine wave 11 ms, 50 gn
Electric shock protection
Conforming to IEC 60536 & NF C 20-030
Class II
Degree of protection
Conforming to IEC 60529 & NF C 20-010
Conforming to UL 50 & CSAC22.2 No. 94
IP 65
Type 1, 4, 4X and 12 (not for key selector switches)
Mechanical durability
(in operating cycles)
Spring return push buttons
2 million
Maintained push buttons
300,000
Key operated selector switches
200,000
Handle operated selector switches
500,000
Mounting positions
All
Electrical specifications of LED pilot lights
Voltage limits
6 - 30 Vac/Vdc
Current draw
mA
15
Surge withstand
Conforming to IEC 61000-4-5
kV
2/1
Resistance to fast transients
Conforming to IEC 61000-4-4
kV
2
Resistance to electromagnetic fields
Conforming to IEC 61000-4-3
V/m
10
Resistance to electrostatic discharges
Conforming to IEC 61000-4-2
kV
8/6
Electromagnetic emission
Conforming to IEC 55011
Class B
Service life
At nominal voltage and 25 °C ambient
100,000 hrs
Specifications
Product range:
page 5
Assembled products:
page 12
References:
page 15
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com