Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB6YA113 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZB6YA113
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA113 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZB6YA113 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
13
Non-illuminated push buttons
Type of head
Full guard
Shape of head
rectangular (1)
Degree of protection
IP 65 / Nema 4, 4X, 12 / Class II
Mounting (mm)
panel cut-out
16.2 mm
+ 0.2
0
mounting centers
24 x 18 with rectangular head, 18 x 18 with square or circular head
Dimensions (mm)
W x H x D (below head)
24 x 18 x 50 with rectangular head, 18 x 18 x 50 with square or circular head
Connection (2)
Tags for 2.8 x 0.5 quick connectors or for soldering
Type of push: Spring Return
Complete products
Products for user assembly
References
white
N/O
XB6DA11B
ZB6Z1B
ZB6DA1
N/C + N/O
XB6DA15B
ZB6Z5B
ZB6DA1
black
N/O
–
ZB6Z1B
ZB6DA2
N/C + N/O
XB6DA25B
ZB6Z5B
ZB6DA2
green
N/O
XB6DA31B
ZB6Z2B
ZB6DA3
N/C + N/O
XB6DA35B
ZB6Z5B
ZB6DA3
red
N/O
–
ZB6Z1B
ZB6DA4
N/C + N/O
XB6DA45B
ZB6Z5B
ZB6DA4
(1) For products with a square head, replace the letter
D in the reference by the letter C (XB6DA11B becomes XB6CA11B).
For products with a circular head, replace the letter
D in the reference by the letter A (XB6DA11B becomes XB6AA11B).
(2) Alternative connection: 1 x 0.5 pins for printed circuit boards.
Mushroom head Emergency stop push buttons (3)
Type of head
Trigger action (EN/ISO 13850: 2006)
Shape of head
cylindrical
Type of push: Turn to release
Complete products
Products for user assembly
References
red
2 N/C + 1 N/O
XB6AS8349B
ZB6E2B
ZB6Z5B
ZB6AS834
Type of push: Key release, Ronis 200
References
red
2 N/C + 1 N/O
XB6AS9349B
ZB6E2B
ZB6Z5B
ZB6AS934
(3) Complies with EN418/ISO13850 standards for Emergency Stop push buttons when used with circular Legend Plate ZB6Y7330 (see page 24).
mounting centers
24 x 18 with rectangular head, 18 x 18 with square or circular head
Harmony™ XB6/ZB6
16 mm push buttons
Contact functions
Assembled products
(continued)
=
+
=
+
+
Product range:
page 5
Specifications:
page 10
References:
page 15
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com