Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC393D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC393D
Description  Dual 4-bit binary ripple counter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC393D Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC393D Datasheet HTML 1Page - NXP Semiconductors 74HC393D Datasheet HTML 2Page - NXP Semiconductors 74HC393D Datasheet HTML 3Page - NXP Semiconductors 74HC393D Datasheet HTML 4Page - NXP Semiconductors 74HC393D Datasheet HTML 5Page - NXP Semiconductors 74HC393D Datasheet HTML 6Page - NXP Semiconductors 74HC393D Datasheet HTML 7Page - NXP Semiconductors 74HC393D Datasheet HTML 8Page - NXP Semiconductors 74HC393D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74HC393; 7474HCT393 is a dual 4-stage binary ripple counter. Each counter
features a clock input (nCP), an overriding asynchronous master reset input (nMR) and 4
buffered parallel outputs (nQ0 to nQ3). The counter advances on the HIGH-to-LOW
transition of nCP. A HIGH on nMR clears the counter stages and forces the outputs LOW,
independent of the state of nCP. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess of VCC.
2.
Features and benefits
Input levels:
For 74HC393: CMOS level
For 74HCT393: TTL level
Complies with JEDEC standard no. 7A
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V.
Two 4-bit binary counters with individual clocks
Divide by any binary module up to 28 in one package
Two master resets to clear each 4-bit counter individually
3.
Ordering information
74HC393; 74HCT393
Dual 4-bit binary ripple counter
Rev. 4 — 16 May 2013
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74HC393N
40 C to +125 C
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1
74HCT393N
74HC393D
40 C to +125 C
SO14
plastic small outline package; 14 leads; body width 3.9 mm SOT108-1
74HCT393D
74HC393DB
40 C to +125 C
SSOP14
plastic shrink small outline package; 14 leads; body width
5.3 mm
SOT337-1
74HCT393DB
74HC393PW
40 C to +125 C
TSSOP14
plastic thin shrink small outline package; 14 leads; body
width 4.4 mm
SOT402-1
74HCT393PW
74HC393BQ
40 C to +125 C
DHVQFN14 plastic dual in-line compatible thermal enhanced very thin
quad flat package; no leads; 14 terminals;
body 2.5
 3  0.85 mm
SOT762-1
74HCT393BQ


Similar Part No. - 74HC393D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC393D PHILIPS-74HC393D Datasheet
46Kb / 7P
Dual 4-bit binary ripple counter
December 1990
logo
Toshiba Semiconductor
74HC393D TOSHIBA-74HC393D Datasheet
229Kb / 12P
CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-17 Rev.3.0
logo
Nexperia B.V. All right...
74HC393D NEXPERIA-74HC393D Datasheet
268Kb / 15P
Dual 4-bit binary ripple counter
Rev. 8 - 22 October 2021
logo
Burr-Brown (TI)
74HC393D BURR-BROWN-74HC393D Datasheet
285Kb / 13P
EVALUATION FIXTURE
logo
Nexperia B.V. All right...
74HC393D-Q100 NEXPERIA-74HC393D-Q100 Datasheet
734Kb / 20P
Dual 4-bit binary ripple counter
More results

Similar Description - 74HC393D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
Dual 4-Bit Binary Ripple Counter
REV 0
logo
NXP Semiconductors
74F393 PHILIPS-74F393 Datasheet
75Kb / 8P
Dual 4-bit binary ripple counter
1988 Nov 01
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
Dual 4-bit binary ripple counter
December 1990
74LV393 PHILIPS-74LV393 Datasheet
115Kb / 12P
Dual 4-bit binary ripple counter
1997 Jun 10
logo
List of Unclassifed Man...
74HC393 ETC1-74HC393 Datasheet
216Kb / 5P
DUAL 4-BIT BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
Dual 4-bit binary ripple counter
74LV393-Q100 NEXPERIA-74LV393-Q100 Datasheet
746Kb / 16P
Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
74HC393 NEXPERIA-74HC393 Datasheet
268Kb / 15P
Dual 4-bit binary ripple counter
Rev. 8 - 22 October 2021
74LV393 NEXPERIA-74LV393 Datasheet
235Kb / 13P
Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com