Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC393D Datasheet (PDF) - Toshiba Semiconductor

74HC393D Datasheet PDF - Toshiba Semiconductor
Part # 74HC393D
Download  74HC393D Download
File Size   229.51 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC393D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC393D Datasheet PDF - Toshiba Semiconductor

Part # 74HC393D
Download  74HC393D Click to download

File Size   229.51 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC393D Datasheet (HTML) - Toshiba Semiconductor


74HC393D Product details

Functional Description
• Dual Binary Counter
General
The 74HC393D is a high speed CMOS 4-BIT BINARY COUNTER fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power
dissipation.
It contains two independent counter circuits in one package, so that counting or frequency division of eight binary
bits can be achieved with one IC.
This device changes state on the negative going transition of the CK pulse. The counter can be reset to "0" (QA
to QD = "L") by a high at the CLR input regardless of other inputs.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features
(1) Wide operating temperature range: Topr = -40 to 125 (Note 1)
(2) High speed: fMAX = 72 MHz (typ.) at VCC = 5 V
(3) Low power dissipation: ICC = 4.0 μA (max) at Ta = 25
(4) Balanced propagation delays: tPLH » tPHL
(5) Wide operating voltage range: VCC(opr) = 2.0 V to 6.0 V




Similar Part No. - 74HC393D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC393D PHILIPS-74HC393D Datasheet
46Kb / 7P
Dual 4-bit binary ripple counter
December 1990
74HC393D NXP-74HC393D Datasheet
164Kb / 21P
Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393D NEXPERIA-74HC393D Datasheet
268Kb / 15P
Dual 4-bit binary ripple counter
Rev. 8 - 22 October 2021
logo
Burr-Brown (TI)
74HC393D BURR-BROWN-74HC393D Datasheet
285Kb / 13P
EVALUATION FIXTURE
logo
Nexperia B.V. All right...
74HC393D-Q100 NEXPERIA-74HC393D-Q100 Datasheet
734Kb / 20P
Dual 4-bit binary ripple counter
More results


Similar Description - 74HC393D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com