Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC393D Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # 74HC393D
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74HC393D Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button 74HC393D Datasheet HTML 3Page - Toshiba Semiconductor 74HC393D Datasheet HTML 4Page - Toshiba Semiconductor 74HC393D Datasheet HTML 5Page - Toshiba Semiconductor 74HC393D Datasheet HTML 6Page - Toshiba Semiconductor 74HC393D Datasheet HTML 7Page - Toshiba Semiconductor 74HC393D Datasheet HTML 8Page - Toshiba Semiconductor 74HC393D Datasheet HTML 9Page - Toshiba Semiconductor 74HC393D Datasheet HTML 10Page - Toshiba Semiconductor 74HC393D Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
74HC393D
7
13.4. Timing Requirements (Unless otherwise specified, Ta = 25 �, Input: tr = tf = 6
ns)
Characteristics
Minimum pulse width
(CK)
Minimum pulse width
(CLR)
Minimum removal time
Clock frequency
Symbol
tw(L),tw(H)
tw(H)
trem
f
Test Condition
�
�
�
�
VCC (V)
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
Typ.
�
�
�
�
�
�
�
�
�
�
�
�
Limit
75
15
13
75
15
13
25
5
5
6
32
38
Unit
ns
ns
ns
MHz
13.5. Timing Requirements
(Unless otherwise specified, Ta = -40 to 85 �, Input: tr = tf = 6 ns)
Characteristics
Minimum pulse width
(CK)
Minimum pulse width
(CLR)
Minimum removal time
Clock frequency
Symbol
tw(L),tw(H)
tw(H)
trem
f
Test Condition
�
�
�
�
VCC (V)
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
Limit
95
19
16
95
19
16
30
6
5
5
27
32
Unit
ns
ns
ns
MHz
13.6. Timing Requirements (Note)
(Unless otherwise specified, Ta = -40 to 125 �, Input: tr = tf = 6 ns)
Characteristics
Minimum pulse width (CK)
Minimum pulse width (CLR)
Minimum removal time
Clock frequency
Symbol
tw(L),tw(H)
tw(H)
trem
f
Test Condition
�
�
�
�
VCC (V)
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
Limit
110
22
18
110
22
18
35
7
5
5
24
28
Unit
ns
ns
ns
MHz
Note:
Operating Range spec of Topr = -40 � to 125 � is applicable only for the products which manufactured after
July 2020.
2020-11-17
Rev.3.0
©2016-2020
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com