Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC393D Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # 74HC393D
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74HC393D Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button 74HC393D Datasheet HTML 4Page - Toshiba Semiconductor 74HC393D Datasheet HTML 5Page - Toshiba Semiconductor 74HC393D Datasheet HTML 6Page - Toshiba Semiconductor 74HC393D Datasheet HTML 7Page - Toshiba Semiconductor 74HC393D Datasheet HTML 8Page - Toshiba Semiconductor 74HC393D Datasheet HTML 9Page - Toshiba Semiconductor 74HC393D Datasheet HTML 10Page - Toshiba Semiconductor 74HC393D Datasheet HTML 11Page - Toshiba Semiconductor 74HC393D Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
74HC393D
8
13.7. AC Characteristics
(Unless otherwise specified, CL = 15 pF, VCC = 5 V, Ta = 25 �, Input: tr = tf = 6
ns)
Characteristics
Output transition time
Propagation delay time
(CK-QA)
Propagation delay time
(CK-QB)
Propagation delay time
(CK-QC)
Propagation delay time
(CK-QD)
Propagation delay time
(CLR-Qn)
Maximum clock frequency
Symbol
tTLH,tTHL
tPLH,tPHL
tPLH,tPHL
tPLH,tPHL
tPLH,tPHL
tPHL
fMAX
Note
Test Condition
�
�
�
�
�
�
�
Min
�
�
�
�
�
�
35
Typ.
4
12
16
21
25
15
72
Max
8
20
31
38
46
26
�
Unit
ns
ns
ns
ns
ns
ns
MHz
13.8. AC Characteristics
(Unless otherwise specified, CL = 50 pF, Ta = 25 �, Input: tr = tf = 6 ns)
Characteristics
Output transition time
Propagation delay time
(CK-QA)
Propagation delay time
(CK-QB)
Propagation delay time
(CK-QC)
Propagation delay time
(CK-QD)
Propagation delay time
(CLR-Qn)
Maximum clock frequency
Input capacitance
Power dissipation capacitance
Symbol
tTLH,tTHL
tPLH,tPHL
tPLH,tPHL
tPLH,tPHL
tPLH,tPHL
tPHL
fMAX
CIN
CPD
Note
(Note 1)
Test Condition
�
�
�
�
�
�
�
�
�
VCC (V)
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
Min
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
6
32
38
�
�
Typ.
25
7
6
45
15
13
60
20
17
80
25
21
100
30
26
55
18
15
22
67
77
5
40
Max
75
15
13
120
24
20
180
36
31
220
44
37
260
52
44
150
30
26
�
�
�
10
�
Unit
ns
ns
ns
ns
ns
ns
MHz
pF
pF
Note 1: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current
consumption without load. Average operating current can be obtained by the equation.
ICC(opr) = CPD × VCC × fIN + ICC/2 (per circuit)
2020-11-17
Rev.3.0
©2016-2020
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com