Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC393D Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 74HC393D
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74HC393D Datasheet(HTML) 5 Page - Toshiba Semiconductor

  74HC393D Datasheet HTML 1Page - Toshiba Semiconductor 74HC393D Datasheet HTML 2Page - Toshiba Semiconductor 74HC393D Datasheet HTML 3Page - Toshiba Semiconductor 74HC393D Datasheet HTML 4Page - Toshiba Semiconductor 74HC393D Datasheet HTML 5Page - Toshiba Semiconductor 74HC393D Datasheet HTML 6Page - Toshiba Semiconductor 74HC393D Datasheet HTML 7Page - Toshiba Semiconductor 74HC393D Datasheet HTML 8Page - Toshiba Semiconductor 74HC393D Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74HC393D
5
13. Electrical Characteristics
13.1. DC Characteristics (Unless otherwise specified, Ta = 25 �)
Characteristics
High-level input voltage
Low-level input voltage
High-level output voltage
Low-level output voltage
Input leakage current
Quiescent supply current
Symbol
VIH
VIL
VOH
VOL
IIN
ICC
Test Condition
�
�
VIN = VIH or VIL
VIN = VIH or VIL
VIN = VCC or GND
VIN = VCC or GND
IOH = -20 µA
IOH = -4 mA
IOH = -5.2 mA
IOL = 20 µA
IOL = 4 mA
IOL = 5.2 mA
VCC (V)
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
4.5
6.0
2.0
4.5
6.0
4.5
6.0
6.0
6.0
Min
1.50
3.15
4.20
�
�
�
1.9
4.4
5.9
4.18
5.68
�
�
�
�
�
�
�
Typ.
�
�
�
�
�
�
2.0
4.5
6.0
4.31
5.80
0.0
0.0
0.0
0.17
0.18
�
�
Max
�
�
�
0.50
1.35
1.80
�
�
�
�
�
0.1
0.1
0.1
0.26
0.26
±0.1
4.0
Unit
V
V
V
V
µA
µA
13.2. DC Characteristics (Unless otherwise specified, Ta = -40 to 85 �)
Characteristics
High-level input voltage
Low-level input voltage
High-level output voltage
Low-level output voltage
Input leakage current
Quiescent supply current
Symbol
VIH
VIL
VOH
VOL
IIN
ICC
Test Condition
�
�
VIN = VIH or VIL
VIN = VIH or VIL
VIN = VCC or GND
VIN = VCC or GND
IOH = -20 µA
IOH = -4 mA
IOH = -5.2 mA
IOL = 20 µA
IOL = 4 mA
IOL = 5.2 mA
VCC (V)
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
4.5
6.0
2.0
4.5
6.0
4.5
6.0
6.0
6.0
Min
1.50
3.15
4.20
�
�
�
1.9
4.4
5.9
4.13
5.63
�
�
�
�
�
�
�
Max
�
�
�
0.50
1.35
1.80
�
�
�
�
�
0.1
0.1
0.1
0.33
0.33
±1.0
40.0
Unit
V
V
V
V
µA
µA
2020-11-17
Rev.3.0
©2016-2020
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com